Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I8ES Datasheet(PDF) 40 Page - Altera Corporation

Part # EP1C12F100I8ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I8ES Datasheet(HTML) 40 Page - Altera Corporation

Back Button EP1C12F100I8ES Datasheet HTML 36Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 37Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 38Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 39Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 40Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 41Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 42Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 43Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 104 page
background image
2–34
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Figure 2–26 shows the PLL global clock connections.
Figure 2–26. Cyclone PLL Global Clock Connections
Notes to Figure 2–26:
(1)
PLL 1 supports one single-ended or LVDS input via pins
CLK0 and CLK1.
(2)
PLL2 supports one single-ended or LVDS input via pins
CLK2 and CLK3.
(3)
PLL1_OUT and PLL2_OUT support single-ended or LVDS output. If external output is not required, these pins are
available as regular user I/O pins.
(4)
The EP1C3 device in the 100-pin TQFP package does not support external clock output. The EP1C6 device in the
144-pin TQFP package does not support external clock output from PLL2.
Table 2–7 shows the global clock network sources available in Cyclone
devices.
CLK0
CLK1 (1)
PLL1
PLL2
g0
g1
e
g0
g1
e
PLL1_OUT (3), (4)
CLK2
CLK3 (2)
PLL2_OUT (3), (4)
G0
G2
G1
G3
G4
G6
G5
G7
Table 2–7. Global Clock Network Sources (Part 1 of 2)
Source
GCLK0
GCLK1
GCLK2
GCLK3
GCLK4
GCLK5
GCLK6
GCLK7
PLL Counter
Output
PLL1 G0
vv
PLL1 G1
vv
PLL2 G0 (1)
vv
PLL2 G1 (1)
vv
Dedicated
Clock Input
Pins
CLK0
vv
CLK1 (2)
vv
CLK2
vv
CLK3 (2)
vv


Similar Part No. - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I8 ALTERA-EP1C12F100I8 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com