Electronic Components Datasheet Search |
|
EP1C12F100I8ES Datasheet(PDF) 25 Page - Altera Corporation |
|
|
EP1C12F100I8ES Datasheet(HTML) 25 Page - Altera Corporation |
25 / 104 page Altera Corporation 2–19 January 2007 Preliminary Embedded Memory In addition to true dual-port memory, the M4K memory blocks support simple dual-port and single-port RAM. Simple dual-port memory supports a simultaneous read and write. Single-port memory supports non-simultaneous reads and writes. Figure 2–13 shows these different M4K RAM memory port configurations. Figure 2–13. Simple Dual-Port & Single-Port Memory Configurations Note to Figure 2–13: (1) Two single-port memory blocks can be implemented in a single M4K block as long as each of the two independent block sizes is equal to or less than half of the M4K block size. The memory blocks also enable mixed-width data ports for reading and writing to the RAM ports in dual-port RAM configuration. For example, the memory block can be written in ×1 mode at port A and read out in ×16 mode from port B. The Cyclone memory architecture can implement fully synchronous RAM by registering both the input and output signals to the M4K RAM block. All M4K memory block inputs are registered, providing synchronous write cycles. In synchronous operation, the memory block generates its own self-timed strobe write enable ( wren) signal derived from a global clock. In contrast, a circuit using asynchronous RAM must generate the RAM wren signal while ensuring its data and address signals meet setup and hold time specifications relative to the wren data[] wraddress[] wren inclock inclocken inaclr rdaddress[] rden q[] outclock outclocken outaclr data[] address[] wren inclock inclocken inaclr q[] outclock outclocken outaclr Single-Port Memory (1) Simple Dual-Port Memory |
Similar Part No. - EP1C12F100I8ES |
|
Similar Description - EP1C12F100I8ES |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |