Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I8ES Datasheet(PDF) 103 Page - Altera Corporation

Part # EP1C12F100I8ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I8ES Datasheet(HTML) 103 Page - Altera Corporation

Back Button EP1C12F100I8ES Datasheet HTML 96Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 97Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 98Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 99Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 100Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 101Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 102Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 103Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 104Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Altera Corporation
5–1
January 2007
Preliminary
5. Reference & Ordering
Information
Software
Cyclone® devices are supported by the Altera® Quartus® II design
software, which provides a comprehensive environment for system-on-a-
programmable-chip (SOPC) design. The Quartus II software includes
HDL and schematic design entry, compilation and logic synthesis, full
simulation and advanced timing analysis, SignalTap® II logic analysis,
and device configuration. Refer to the Design Software Selector Guide for
more details on the Quartus II software features.
The Quartus II software supports the Windows 2000/NT/98, Sun Solaris,
Linux Red Hat v7.1 and HP-UX operating systems. It also supports
seamless integration with industry-leading EDA tools through the
NativeLink® interface.
Device Pin-Outs
Device pin-outs for Cyclone devices are available on the Altera web site
(www.altera.com) and in the Cyclone FPGA Device Handbook.
Ordering
Information
Figure 5–1 describes the ordering codes for Cyclone devices. For more
information on a specific package, refer to Chapter 15, Package
Information for Cyclone Devices.
Figure 5–1. Cyclone Device Packaging Ordering Information
Device Type
Package Type
6, 7, or 8 , with 6 being the fastest
Number of pins for a particular package
ES:
T:
Q:
F:
Thin quad flat pack (TQFP)
Plastic quad flat pack (PQFP)
FineLine BGA
EP1C: Cyclone
3
4
6
12
20
C:
I:
Commercial temperature (tJ = 0˚ C to 85˚ C)
Industrial temperature (tJ = -40˚ C to 100˚ C)
Optional Suffix
Family Signature
Operating Temperature
Speed Grade
Pin Count
Engineering sample
7
EP1C
20
C
400
FES
Indicates specific device options or
shipment method.
C51005-1.3


Similar Part No. - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I8 ALTERA-EP1C12F100I8 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com