Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I8ES Datasheet(PDF) 101 Page - Altera Corporation

Part # EP1C12F100I8ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I8ES Datasheet(HTML) 101 Page - Altera Corporation

Back Button EP1C12F100I8ES Datasheet HTML 96Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 97Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 98Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 99Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 100Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 101Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 102Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 103Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 104Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 101 / 104 page
background image
Altera Corporation
4–31
January 2007
Preliminary
Document Revision History
Document
Revision History
Table 4–53 shows the revision history for this document.
Table 4–53. Document Revision History
Date &
Document
Version
Changes Made
Summary of Changes
January 2007
v1.6
Added document revision history.
Added new row for VCCA details in Table 4–1.
Updated RCONF information in Table 4–3.
Added new Note (12) on voltage overdrive information to
Table 4–7 and Table 4–8
.
Updated Note (9) on RCONF information to Table 4–3.
Updated information in “External I/O Delay Parameters”
section.
Updated speed grade information in Table 4–46 and
Table 4–47.
Updated LVDS information in Table 4–51.
August 2005
v1.5
Minor updates.
February 2005
v1.4
Updated information on Undershoot voltage. Updated Table
4-2.
Updated Table 4-3.
Updated the undershoot voltage from 0.5 V to 2.0 V in Note 3
of Table 4-16.
Updated Table 4-17.
January 2004
v.1.3
Added extended-temperature grade device information.
Updated Table 4-2.
Updated ICC0 information in Table 4-3.
October 2003
v.1.2
Added clock tree information in Table 4-19.
Finalized timing information for EP1C3 and EP1C12 devices.
Updated timing information in Tables 4-25 through 4-26 and
Tables 4-30 through 4-51.
Updated PLL specifications in Table 4-52.
July 2003 v1.1
Updated timing information. Timing finalized for EP1C6 and
EP1C20 devices. Updated performance information. Added PLL
Timing section.
May 2003 v1.0
Added document to Cyclone Device Handbook.


Similar Part No. - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I8 ALTERA-EP1C12F100I8 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com