Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100I8ES Datasheet(PDF) 75 Page - Altera Corporation

Part # EP1C12F100I8ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100I8ES Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP1C12F100I8ES Datasheet HTML 71Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 72Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 73Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 74Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 75Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 76Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 77Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 78Page - Altera Corporation EP1C12F100I8ES Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Altera Corporation
4–5
January 2007
Preliminary
Operating Conditions
Table 4–10. 3.3-V PCI Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output supply voltage
3.0
3.3
3.6
V
VIH
High-level input voltage
0.5
×
VCCIO
VCCIO +
0.5
V
VIL
Low-level input voltage
–0.5
0.3
×
VCCIO
V
VOH
High-level output voltage
IOUT = –500
μA0.9 ×
VCCIO
V
VOL
Low-level output voltage
IOUT = 1,500
μA0.1 ×
VCCIO
V
Table 4–11. SSTL-2 Class I Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output supply voltage
2.375
2.5
2.625
V
VTT
Termination voltage
VREF – 0.04
VREF
VREF + 0.04
V
VREF
Reference voltage
1.15
1.25
1.35
V
VIH
High-level input voltage
VREF + 0.18
3.0
V
VIL
Low-level input voltage
–0.3
VREF – 0.18
V
VOH
High-level output voltage
IOH = –8.1 mA
(11)
VTT + 0.57
V
VOL
Low-level output voltage
IOL = 8.1 mA (11)
VTT – 0.57
V
Table 4–12. SSTL-2 Class II Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
VCCIO
Output supply voltage
2.3
2.5
2.7
V
VTT
Termination voltage
VREF – 0.04
VREF
VREF + 0.04
V
VREF
Reference voltage
1.15
1.25
1.35
V
VIH
High-level input voltage
VREF + 0.18
VCCIO + 0.3
V
VIL
Low-level input voltage
–0.3
VREF – 0.18
V
VOH
High-level output voltage
IOH = –16.4 mA
(11)
VTT + 0.76
V
VOL
Low-level output voltage
IOL = 16.4 mA
(11)
VTT – 0.76
V


Similar Part No. - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100I8 ALTERA-EP1C12F100I8 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100I8ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com