Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5822 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 4 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1N5820, 1N5821, 1N5822
http://onsemi.com
4
NOTE 3 — DETERMINING MAXIMUM RATINGS
Reverse power dissipation and the possibility of thermal
runaway must be considered when operating this rectifier at
reverse voltages above 0.1 VRWM. Proper derating may be
accomplished by use of equation (1).
TA(max) = TJ(max) * RqJAPF(AV) * RqJAPR(AV)(1)
where TA(max) = Maximum allowable ambient temperature
TJ(max) = Maximum allowable junction temperature
(125
°C or the temperature at which thermal
runaway occurs, whichever is lowest)
PF(AV) = Average forward power dissipation
PR(AV) = Average reverse power dissipation
RqJA = Junction−to−ambient thermal resistance
Figures 1, 2, and 3 permit easier use of equation (1) by
taking reverse power dissipation and thermal runaway into
consideration. The figures solve for a reference temperature
as determined by equation (2).
TR = TJ(max) * RqJAPR(AV)
(2)
Substituting equation (2) into equation (1) yields:
TA(max) = TR * RqJAPF(AV)
(3)
Inspection of equations (2) and (3) reveals that TR is the
ambient temperature at which thermal runaway occurs or
where TJ = 125°C, when forward power is zero. The
transition from one boundary condition to the other is
evident on the curves of Figures 1, 2, and 3 as a difference
in the rate of change of the slope in the vicinity of 115
°C. The
data of Figures 1, 2, and 3 is based upon dc conditions. For
use in common rectifier circuits, Table 1 indicates suggested
factors for an equivalent dc voltage to use for conservative
design, that is:
VR(equiv) = V(FM)
F
(4)
The factor F is derived by considering the properties of the
various rectifier circuits and the reverse characteristics of
Schottky diodes.
EXAMPLE: Find TA(max) for 1N5821 operated in a
12−volt dc supply using a bridge circuit with capacitive filter
such that IDC = 2.0 A (IF(AV) = 1.0 A), I(FM)/I(AV) = 10, Input
Voltage = 10 V(rms), RqJA = 40°C/W.
Step 1. Find VR(equiv). Read F = 0.65 from Table 1,
NVR(equiv) = (1.41) (10) (0.65) = 9.2 V.
Step 2. Find TR from Figure 2. Read TR = 108°C
@ VR = 9.2 V and RqJA = 40°C/W.
Step 3. Find PF(AV) from Figure 6. **Read PF(AV) = 0.85 W
@
I(FM)
I(AV)
+ 10 and IF(AV) + 1.0 A.
Step 4. Find TA(max) from equation (3).
TA(max) = 108 * (0.85) (40) = 74°C.
**Values given are for the 1N5821. Power is slightly lower
for the 1N5820 because of its lower forward voltage, and
higher for the 1N5822. Variations will be similar for the
MBR−prefix devices, using PF(AV) from Figure 6.
Table 1. Values for Factor F
Circuit
Half Wave
Full Wave, Bridge
Full Wave,
Center Tapped*†
Load
Resistive
Capacitive*
Resistive
Capacitive
Resistive
Capacitive
Sine Wave
0.5
1.3
0.5
0.65
1.0
1.3
Square Wave
0.75
1.5
0.75
0.75
1.5
1.5
*Note that VR(PK) [ 2.0 Vin(PK).
†Use line to center tap voltage for Vin.


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
1N5822 TAITRON-1N5822 Datasheet
179Kb / 4P
   3A Schottky Barrier Rectifiers
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com