Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5822 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 2 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1N5820, 1N5821, 1N5822
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
1N5820
1N5821
1N5822
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
V
Non−Repetitive Peak Reverse Voltage
VRSM
24
36
48
V
RMS Reverse Voltage
VR(RMS)
14
21
28
V
Average Rectified Forward Current (Note 1)
VR(equiv) v 0.2 VR(dc), TL = 95°C
(RqJA = 28°C/W, P.C. Board Mounting, see Note 5)
IO
3.0
A
Ambient Temperature
Rated VR(dc), PF(AV) = 0
RqJA = 28°C/W
TA
90
85
80
°C
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions, half wave, single phase
60 Hz, TL = 75°C)
IFSM
80 (for one cycle)
A
Operating and Storage Junction Temperature Range
(Reverse Voltage applied)
TJ, Tstg
65 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*THERMAL CHARACTERISTICS (Note 5)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
28
°C/W
*ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (Note 1)
Characteristic
Symbol
1N5820
1N5821
1N5822
Unit
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 1.0 Amp)
(iF = 3.0 Amp)
(iF = 9.4 Amp)
VF
0.370
0.475
0.850
0.380
0.500
0.900
0.390
0.525
0.950
V
Maximum Instantaneous Reverse Current
@ Rated dc Voltage (Note 2)
TL = 25°C
TL = 100°C
iR
2.0
20
2.0
20
2.0
20
mA
1. Lead Temperature reference is cathode lead 1/32
″ from case.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
*Indicates JEDEC Registered Data for 1N5820−22.


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Bytes
1N5822 BYTES-1N5822 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com