Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5822 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 1 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 9
1
Publication Order Number:
1N5820/D
1N5820, 1N5821, 1N5822
1N5820 and 1N5822 are Preferred Devices
Axial Lead Rectifiers
This series employs the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
chrome barrier metal, epitaxial construction with oxide passivation
and metal overlap contact. Ideally suited for use as rectifiers in
low−voltage, high−frequency inverters, free wheeling diodes, and
polarity protection diodes.
Features
Extremely Low VF
Low Power Loss/High Efficiency
Low Stored Charge, Majority Carrier Conduction
Shipped in plastic bags, 500 per bag
Available in Tape and Reel, 1500 per reel, by adding a “RL’’ suffix to
the part number
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.1 Gram (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Polarity: Cathode indicated by Polarity Band
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
AXIAL LEAD
CASE 267−05
(DO−201AD)
STYLE 1
SCHOTTKY BARRIER
RECTIFIERS
3.0 AMPERES
20, 30, 40 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
See detailed ordering and shipping information on page 3 of
this data sheet.
ORDERING INFORMATION
http://onsemi.com
A
= Assembly Location
1N582x
= Device Code
x
= 0, 1, or 2
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
A
1N
582x
YYWW
G
G


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Bytes
1N5822 BYTES-1N5822 Datasheet
151Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com