Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8525D
Description  USB PD Port and Power Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
RT1711P
2
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Provider/Consumer
Note : SYS3V3 is connected to a PMIC and is supplied by the PMIC.
SYS VIN
SYS 5V
RT1711P
Type-C
Receptacle
DC-DC
Converter
EC/MCU
VCONN
SYS5V
VCC
NC
EC
SCL
INT_N
VDC
VBUS
CC1
CC2
Audio
USB MUX
& DP MUX
CC1
CC2
TX/RX
GPIO1
SBU
GPIO2
GPIO3
GPIO4
GPIO5
AP
or CPU
VTUNE
GP1B
Charger or
System
Power
SYS3V3
SYS3V3
10m
SDA
1k
10k
1k
3k
2
3
4
8
9
10
12
11
18
17
15
14
13
19
24
23
1µF
1µF
TVS
20V
1. DC-DC converter recommend best solution. The following table can pass USB PD compliance test.
2. The RT8131B is a high efficiency single phase synchronous buck DC-DC controller. Please refer to the RT8131B
datasheet.
3. The RT8525D is a wide input operating voltage range step up controller. High voltage output and large output current
are feasible by using an external N-MOSFET. Please refer to the RT8525D datasheet.
VIN
Watts
VOUT/IOUT
Item
12V to 20V
45W
5V, 9V, 12V, 15V/20V
RT8525D (Boost IC)
3A, 3A, 3A, 3A, 2.25A
RT8131B (Buck IC)
18V to 20V
65W
5V, 9V, 12V, 15V/20V
RT8525D (Boost IC)
3A, 3A, 3A, 3A, 3.25A
RT8131B (Buck IC)
24V
45W/65W/100W
5V, 9V, 12V, 15V, 20V
RT8131B (Buck IC)
3A, 3A, 3A, 3A/5A, 3A/5A


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
   Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
   Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com