Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8525D
Description  USB PD Port and Power Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation RT8525D Datasheet HTML 10Page - Richtek Technology Corporation RT8525D Datasheet HTML 11Page - Richtek Technology Corporation RT8525D Datasheet HTML 12Page - Richtek Technology Corporation RT8525D Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
RT1711P
9
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
UFP Pull-Down Threshoud
Voltage in Dead Battery
VTH_DBL
Under ICC = ICC_DFP80 and
ICC_DFP180
0.2
--
1.6
V
UFP Pull-Down Threshoud
Voltage in Dead Battery
VTH_DBH
Under ICC = ICC_DFP330
0.8
--
2.6
V
VCC/VDC/EN Operation Conditions
VCC Input Supply Voltage
VVCC
3.0
3.3
5.5
V
VDC Input Supply Voltage
VVDC
4.5
--
20
V
EN Threshold
0.8
1
1.2
V
VBUS Related Parameters
VBUS Detection Valid Voltage
(Rising)
Rising
--
4
--
V
VBUS Detection Invalid Voltage
(Falling)
Falling
--
3.5
--
V
VBUS Vsafe0V
--
--
0.8
V
VBUS Measure Range
4
--
20
V
VBUS Measurement Resolution
--
50
--
mV
VBUS Measurement Update
Interval
--
5.375
--
ms
VBUS Over-Voltage Protection
Threshold Range
VTH_VBUSOVP
5.5
--
23
V
VBUS Over-Current Protection
Threshold Range
ITH_VBUSOCP
0.6
--
6
A
VBUS OCP Deglitch Time
tD_VBUSOCP
--
--
200
s
VBUS Tuning Resolution
(Source Side)
--
100
--
mV
I
2C Electrical Characteristics
I2C Bus Supply Voltage
VCC_I2C
1.5
--
3.6
V
Logic-Low Threshold Voltage
for Inputs
VIL_I2C
--
--
0.4
V
Logic-High Threshold
Voltage for Inputs
VIH_I2C
1.3
--
--
V
Logic-Low Threshold Voltage
for Open-Drain Outputs
VOL_I2C
Open-drain
--
--
0.4
V
Input Current for Each I/O Pin
IIN_IO_I2C
0.1 * VCC < VIN_IO < 0.9 *
VCC (Max)
10
--
10
A
SCL Clock Frequency
fSCL
0
--
1000
kHz
Maximum Spike Pulse width
tW_MAX_SP
--
--
50
ns
Data Hold Time
tDH
30
--
--
ns
Data Set-Up Time
tDS
70
--
--
ns


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
Current Mode Boost Controller
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com