Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8525D
Description  USB PD Port and Power Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8525D Datasheet HTML 1Page - Richtek Technology Corporation RT8525D Datasheet HTML 2Page - Richtek Technology Corporation RT8525D Datasheet HTML 3Page - Richtek Technology Corporation RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
RT1711P
5
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
ADR
Address selection node when used with multiple type-C ports.
2
EN
External power path control input, active-high.
3
VCC
Input supply voltage.
4
VTUNE
Connected to FB pin of a DC-DC converter to adjust DC-DC output voltages.
5
GP2
High voltage open-drain gate driver, which may be used to drive an NMOS/PMOS
power switch. This pin is connected to the gate of the power switch. (Related to
VDC).
6
GP3
High voltage open-drain gate driver, which may be used to drive an NMOS/PMOS
power switch. This pin is connected to the gate of the power switch. (Related to
VDC).
7
VDC
Barrel jack or wireless charger DC power input pin for charging path control.
8
CC2
Type-C connector Configuration Channel (CC) 2, used to detect a cable plug event
and determine the cable orientation.
9
VCONN
Regulated input voltage to power CCx pins as VCONN.
10
CC1
Type-C connector Configuration Channel (CC) 1, used to detect a cable plug event
and determine the cable orientation.
11
VBUS
VBUS input using for OCP/OVP detection and as a power source for VBUS path
control.
12
CS
Current sense input.
13
GP1A
High voltage open-drain gate driver, which may be used to drive an NMOS/PMOS
power switch. This pin is connected to the gate of the power switch. (Related to
VBUS).
14
GP1B
High voltage open-drain gate driver, which may be used to drive an NMOS/PMOS
power switch. This pin is connected to the gate of the power switch. (Related to
VBUS).
15
NC
No internal connection.
16,
25 (Exposed Pad)
GND
Ground. The exposed pad must be connected to GND and well soldered to a large
copper PCB and for maximum power dissipation.
17
SCL
I2C interface serial clock input. Open-drain. An external pull-up resistor is required.
18
SDA
I2C serial data input/output. Open-drain. An external pull-up resistor is required.
19
INT_N
Interrupt output, active-low open-drain, to prompt the processor to read the
registers.
20
GPIO5
Configurable GPIO with open-drain or push-pull type, used as switch control, DC-
DC enable, audio enable, and accessory unit control.
21
GPIO4
Configurable GPIO with open-drain or push-pull type, used as switch control, DC-
DC enable, audio enable, and accessory unit control.
22
GPIO3
Configurable GPIO with open-drain or push-pull type, used as switch control, DC-
DC enable, audio enable, and accessory unit control.
23
GPIO2
Configurable GPIO with open-drain or push-pull type, used as switch control, DC-
DC enable, audio enable, and accessory unit control.
24
GPIO1
Configurable GPIO with open-drain or push-pull type, used as switch control, DC-
DC enable, audio enable, and accessory unit control.
 


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
   Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
   Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com