Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2320
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2320 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PGA2320_06 Datasheet HTML 6Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 7Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 8Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 9Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 10Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 11Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 12Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 13Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
10
DAISY-CHAINING MULTIPLE
PGA2320 DEVICES
In order to reduce the number of control signals required
to support multiple PGA2320 devices on a printed circuit
board, the serial control port supports daisy-chaining of
multiple
PGA2320
devices.
Figure
4
shows
the
connection requirements for daisy-chain operation. This
arrangement allows a three-wire serial interface to control
many PGA2320 devices.
As shown in Figure 4, the SDO pin from device #1 is
connected to the SDI input of device #2, and is repeated
for additional devices. This configuration in turn forms a
large shift register, in which gain data may be written for all
PGA2320s connected to the serial bus. The length of the
shift register is 16 x N bits, where N is equal to the number
of PGA2320 devices included in the chain. The CS input
must remain low for 16 x N SCLK periods, where N is the
number of devices connected in the chain, in order to allow
enough SCLK cycles to load all devices.
ZERO CROSSING DETECTION
The PGA2320 includes a zero crossing detection function
that can provide for noise-free level transitions. The
concept is to change gain settings on a zero crossing of the
input signal, thus minimizing audible glitches. This
function is enabled or disabled using the ZCEN input
(pin 1). When ZCEN is low, zero crossing detection is
disabled. When ZCEN is high, zero crossing detection will
be enabled.
The zero crossing detection takes effect with a change in
gain setting for a corresponding channel. The new gain
setting will not be latched until either two zero crossings
are detected, or a timeout period of 16ms has elapsed
without detecting two zero crossings. In the case of a
timeout, the new gain setting takes effect with no attempt
to minimize audible artifacts.
SDI
V
INL
V
INR
SDO
SCLK
CS
V
OUTL
V
OUTR
SDI
V
INL
V
INR
SDO
SCLK
CS
V
OUTL
V
OUTR
SDI
V
INL
V
INR
SDO
SCLK
CS
V
OUTL
V
OUTR
Audio
Input
Audio
Input
Audio
Input
100k
100k
Controller
PGA2320
#1
PGA2320
#2
PGA2320
#3
Figure 4. Daisy-Chaining Multiple PGA2320 Devices


Similar Part No. - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2320IDW TI-PGA2320IDW Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2320IDWR TI-PGA2320IDWR Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2320IDWRG4 TI-PGA2320IDWRG4 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
More results

Similar Description - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com