Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2320
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2320 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PGA2320_06 Datasheet HTML 5Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 6Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 7Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 8Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 9Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 10Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 11Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 12Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
9
GAIN SETTINGS
The gain for each channel is set by its corresponding 8-bit
code, either R[7:0] or L[7:0]; see Figure 2. The gain code
data is straight binary format. If we let N equal the decimal
equivalent of R[7:0] or L[7:0], then the following
relationships exist for the gain settings:
For N = 0:
Mute Condition. The input multiplexer is connected to
analog ground (AGNDR or AGNDL).
For N = 1 to 255:
Gain (dB) = 31.5 − [0.5
• (255 − N)]
This results in a gain range of +31.5dB (with N = 255) to
−95.5dB (with N = 1).
Changes in gain setting may be made with or without zero
crossing detection. The operation of the zero crossing
detector and timeout circuitry is discussed later in this data
sheet.
t
CSCR
t
SDS
t
CFCS
t
SDH
t
CSO
t
CFDO
MSB
CS
SCLK
SDI
SDO
Figure 3. Serial Interface Timing Requirements


Similar Part No. - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2320IDW TI-PGA2320IDW Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2320IDWR TI-PGA2320IDWR Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
PGA2320IDWRG4 TI-PGA2320IDWRG4 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
More results

Similar Description - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com