Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PGA2320
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PGA2320 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  PGA2320_06 Datasheet HTML 1Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 2Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 3Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 4Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 5Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 6Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 7Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 8Page - Burr-Brown (TI) PGA2320_06 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
www.ti.com
2
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
PGA2320
UNIT
VA+
+15.5
V
Supply voltage
VA−
−15.5
V
Supply voltage
VD+
+5.5
V
Analog input voltage
0 to VA+, VA−
V
Digital input voltage
−0.3 to VD+
V
Operating temperature range
−40 to +85
°C
Storage temperature range
−65 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 10s)
+300
°C
Package temperature (IR, reflow, 10s)
+235
°C
(1) Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or
any other conditions beyond those specified is not implied.
PACKAGE/ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum located at the end of this data
sheet.


Similar Part No. - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA2320IDW TI-PGA2320IDW Datasheet
217Kb / 15P
Stereo Audio Volume Control
PGA2320IDWR TI-PGA2320IDWR Datasheet
217Kb / 15P
Stereo Audio Volume Control
PGA2320IDWRG4 TI-PGA2320IDWRG4 Datasheet
217Kb / 15P
Stereo Audio Volume Control
More results

Similar Description - PGA2320_06

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Texas Instruments
PGA2320 TI-PGA2320 Datasheet
217Kb / 15P
Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
STEREO AUDIO VOLUME CONTROL
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com