Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTC-520DP-ATB0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-520DP-ATB0E
Description  21.5" Ubiquitous Touch Computer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-520DP-ATB0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-520DP-ATB0E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Interactive Self-service Terminals
Features
RoHS
COMPLIANT
2002/95/EC
Microsoft®
Windows®
Embedded
UTC-520
Introduction
UTC-520 features an all-in-one computing system equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for diversified
self-service and interactive signage deploy in different application areas. The systems deliver updated information with well-designed interactive interfaces, fully ensure relevant
content and targeted promotions are delivered. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize business
profits. Advantech’s DeviceOn/iServiceis a next-generation unified device management solution based on the WISE-DeviceOnplatform.
Moreover, Advantech DeviceOn/iService Software is a next-generation unified device management unified device management solution based on the WISE-DeviceOn platform. With
support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Model
UTC-520D
UTC-520G
Processor System
CPU
Intel® Celeron® J1900 (Default)
Intel® Pentium® N4200 (Default)
Base Frequency
2 GHz (Quad-Core)
1.1 GHz (Quad-Core)
Cache
L2 Cache 2MB
L2 Cache 2MB
Memory
1 x SO-DIMM DDR3L 1333 MHz
up to 8 GB
1 x 204 pin SO-DIMM DDR3L 1867 MHz up to 8GB
HDD
1 x 2.5 internal SATA HDD bay
1 x 2.5 internal SATA HDD bay
Network (LAN)
2 x Gigabit Ethernet ports (Supports Wake on LAN)
2 x Gigabit Ethernet Ports, Intel I210AT (supports Wake
on LAN)
I/O ports
2 x RS-232 COM (RS-422/485)*
3 x USB 2.0 / 1 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA & HDMI
Audio Line-out x 1, Mic-in x 1
2 x RS-232 COM (RS-422/485)*
2 x USB2.0/ 2 x USB3.0
2 x Gigabit Ethernet (RJ-45)
1 x VGA
1 x HDMI
Audio Line-out x 1, Mic-in x 1
Stereo Speaker
2 x 3W
2 x 3W
Bus expansion
Full-size MiniPCIe / mSATA
1 x Full-size MiniPCIe / mSATA
1 x M.2 E-key 2230
Mounting
VESA 100 x 100 mm
VESA 100 x 100 mm
Dimensions (W x H x D)
517.64 x 313.51 x 43.50 (mm)
517.6 x 313.5 x 43.5 mm
Weight
8 kg (17.6 lb)
8 kg (17.6 lb)
OS Support
Win 10 IoT Enterprise
Android 6.0
Linux Ubuntu 14.04
Win 10 IoT Enterprise
Android 10
Linux Ubuntu 20.04
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
10 ~ 95% @ 40° C non-condensing
Vibration
Operating 10G peak acceleration (11ms duration), follow
IEC 60068-2-27
Operating 10G peak acceleration (11ms duration), follow
IEC 60068-2-27
Shock
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @
with HDD; 2Grms @with SSD, follow IEC 60069-2-64
Operating Random Vibration Test 5 ~ 500Hz, 1Grms
@with HDD; 2Grms @with SSD, follow IEC 60069-2-64
EMC/ Safety
CE (No RED certification) (EN 61000-6-2: 2005 / AC:
2005), FCC, CB, UL, CCC, BSMI
CE (RED Compliance), EN 61000-6-2: 2005 /AC: 2005,
FCC, UL, CB, CCC, BSMI
Front Panel Protection
IP65/ NEMA4 Compliant
IP65/ NEMA4 Compliant
Power Supply
Input Voltage
12 VDC
12VDC
Adapter
12 V/7 A (84 W ITE Adapter)
12V/7A (84W ITE Adapter)
Power consumption
Typical 45W
Max. 65W
Typical 35W
Max 40W
ƒ
Low power and fanless system design
ƒ
Build-in Intel® Celeron J1900 (UTC-520D default)
ƒ
Built-in Intel® Pentium N4200 (UTC-520G default)
ƒ
21.5" monitor with 16:9 widescreen display
ƒ
IP65-rated front panel for water and dust resistance
ƒ
All in one aluminum extrusion design
ƒ
Supports both landscape and portrait screen orientations
ƒ
VESA 100 mm standard mounting holes for varied mounting demands
ƒ
Side groove design for flexible peripheral installation
ƒ
White RAL9016 available for UTC-520D
ƒ
Optional 400 nit LCD panel
ƒ
Support DeviceOn/iService software for remote device management
21.5" Ubiquitous Touch Computer
UTC-520D with Intel® Celeron J1900
UTC-520G with Intel® Pentium® N4200
All product specifications are subject to change without notice, * identify as optional function
Last updated: 29-Dec-2022


Similar Part No. - UTC-520DP-ATB0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-520D-GE ADVANTECH-UTC-520D-GE Datasheet
352Kb / 2P
   21.5" Ubiquitous Touch Computer
UTC-520D-GE ADVANTECH-UTC-520D-GE Datasheet
442Kb / 2P
   21.5' Ubiquitous Touch Computer
UTC-520D-PE ADVANTECH-UTC-520D-PE Datasheet
352Kb / 2P
   21.5" Ubiquitous Touch Computer
UTC-520D-PE ADVANTECH-UTC-520D-PE Datasheet
442Kb / 2P
   21.5' Ubiquitous Touch Computer
UTC-520D-RE ADVANTECH-UTC-520D-RE Datasheet
352Kb / 2P
   21.5" Ubiquitous Touch Computer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com