Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTC-520DP-ATB0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-520DP-ATB0E
Description  21.5" Ubiquitous Touch Computer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-520DP-ATB0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-520DP-ATB0E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-520DP-ATB0E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
LCD Display
Size/Type
21.5" TFT LCD with LED backlight
21.5" TFT LCD with LED backlight
Max.Resolution
1920 x 1080
1920 x 1080
Max. Color
16.7M
16.7M
Pixel Pitch (um)
248.25 (H) x 248.25 (V)
248.25 x 248.25
Brightness (cd/m2)
250 (Optional 400)
250 nits (400 nits optional)
View Angle
178°/178°
178°/178°
Touch Screen Option
(PE/RE/GE)
Type
Projected capacitive, Single point Analog Resistive
5-wires touch
Projected capacitive, Single point Analog Resistive
5-wires touch
Light Transmission
90% ± 2% / 80% ± 5% / 90%
88% ± 2%, 80% ± 3%
Controller
USB Interface / USB Interface / -
USB interface
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls
(Reboot, Shutdown)
Remote desktop
(VNC)
Audio Controls
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
Dimensions
Unit: mm
UTC-520
517.64
40
43.50
420
208.82
308.82
132.17
VESA Hole
M4 Depth=5mm
517.64
Specifications (Cont.)
*Dependant on device model


Similar Part No. - UTC-520DP-ATB0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-520D-GE ADVANTECH-UTC-520D-GE Datasheet
352Kb / 2P
21.5" Ubiquitous Touch Computer
UTC-520D-GE ADVANTECH-UTC-520D-GE Datasheet
442Kb / 2P
21.5' Ubiquitous Touch Computer
UTC-520D-PE ADVANTECH-UTC-520D-PE Datasheet
352Kb / 2P
21.5" Ubiquitous Touch Computer
UTC-520D-PE ADVANTECH-UTC-520D-PE Datasheet
442Kb / 2P
21.5' Ubiquitous Touch Computer
UTC-520D-RE ADVANTECH-UTC-520D-RE Datasheet
352Kb / 2P
21.5" Ubiquitous Touch Computer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com