Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-500-0463-H06 Datasheet(PDF) 5 Page - Tyco Electronics

Part # D-500-0463-H06
Description  Data Bus (MIL-STD-1553B) Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-500-0463-H06 Datasheet(HTML) 5 Page - Tyco Electronics

  D-500-0463-H06 Datasheet HTML 1Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 2Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 3Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 4Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Bus (MIL-STD-1553B) Components
Accessories (Continued)
8-91
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-03
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
Triaxial Connectors and
Terminator Compatibility —
to European norme 3716
Panel
Connector
Contact
Connector
Mate with
Thickness
Reference
Connector
77 Ohm Bus Terminator
3K Ohm Stub Terminator
Triaxial Connectors
Plug
Pin
DK-3716-F101-TP
DK-621-E102-TS
D-621-E077-S
D-621-E03K-S
Plug
Socket
DK-3716-F101-TS
DK-621-E102-TP
D-621-E077-P
D-621-E03K-P
Plug
Pin
DK-3716-F201-TP
DK-621-E202-TS
D-621-E077-S
D-621-E03K-S
Plug
Socket
DK-3716-F201-TS
DK-621-E202-TP
D-621-E077-P
D-621-E03K-P
Jack
Pin
DK-3716-E102-TP
DK-621-F101-TS
D-621-F077-S
D-621-F03K-S
Standard
Jack
Socket
DK-3716-E102-TS
DK-621-F101-TP
D-621-F077-P
D-621-F03K-P
2.4mm max.
Jack
Pin
DK-3716-E202-TP
DK-621-F201-TS
D-621-F077-S
D-621-F03K-S
Jack
Socket
DK-3716-E202-TS
DK-621-F201-TP
D-621-F077-P
D-621-F03K-P
Jack
Pin
DK-3716-E112-TP
DK-621-F101-TS
D-621-F077-S
D-621-F03K-S
Long Reach
Jack
Socket
DK-3716-E112-TS
DK-621-F101-TP
D-621-F077-P
D-621-F03K-P
12.5mm max.
Jack
Pin
DK-3716-E212-TP
DK-621-F201-TS
D-621-F077-S
D-621-F03K-S
Jack
Socket
DK-3716-E212-TS
DK-621-F201-TP
D-621-F077-P
D-621-F03K-P
Panel
Connector
Contact
Terminator
Mate with
Thickness
Reference
Standard Connector
Long ReachConnector
Terminators
Plug
Pin
DK-3716-F077-P
DK-3716-E#02-TS
DK-3716-E#12K-TS
77 Ohm bus
Plug
Socket
DK-3716-F077-S
DK-3716-E#02-TP
DK-3716-E#12K-TP
terminator
Jack
Pin
DK-3716-F077-P
DK-3716-E#01-TS
Jack
Socket
DK-3716-F077-S
DK-3716-E#01-TP
Plug
Pin
DK-3716-E03K-P
DK-3716-E#02-TS
DK-3716-E#12K-TS
3K Ohm stub
Plug
Socket
DK-3716-E03K-S
DK-3716-E#02-TP
DK-3716-E#12K-TP
terminator
Jack
Pin
DK-3716-E03K-P
DK-3716-E#01-TS
Jack
Socket
DK-3716-E03K-S
DK-3716-E#01-TP


Similar Part No. - D-500-0463-H06

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-1-613-120 PANDUIT-D-500-L455-1-613-120 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-2-612-120 PANDUIT-D-500-L455-2-612-120 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-2-613-120 PANDUIT-D-500-L455-2-613-120 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-3-612-120 PANDUIT-D-500-L455-3-612-120 Datasheet
85Kb / 2P
DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
More results

Similar Description - D-500-0463-H06

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
Data Bus (MIL-STD-1553B) Components
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com