Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D-500-0463-H06 Datasheet(PDF) 2 Page - Tyco Electronics

Part # D-500-0463-H06
Description  Data Bus (MIL-STD-1553B) Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-500-0463-H06 Datasheet(HTML) 2 Page - Tyco Electronics

  D-500-0463-H06 Datasheet HTML 1Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 2Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 3Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 4Page - Tyco Electronics D-500-0463-H06 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Bus (MIL-STD-1553B) Components
8-88
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-03
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
Accessories (Continued)
Spliced-in
12-inch Cable
77-ohm 10612 cable
D-500-0463-612
77-ohm 10613 cable
D-500-0463-613
77-ohm 10614 cable
D-500-0463-614
77-ohm 7724H0664 cable
D-500-0463-H06
D-621 Series—Plug
Threaded
Bayonet A
Bayonet B
Bayonet C
Bayonet D
77-ohm pin contact
D-621-0413
D-621-0453
D-621-0454
D-621-0455
D-621-0456
77-ohm socket contact
D-621-0415
D-621-0469
D-621-0470
D-621-0471
D-621-0472
3000-ohm pin contact
D-621-0417
D-621-0457
D-621-0458
D-621-0459
D-621-0476
3000-ohm socket contact
D-621-0407
D-621-0473
D-621-0474
D-621-0475
D-621-0460
D-621 Series—Jack
Threaded
Bayonet A
Bayonet B
Bayonet C
Bayonet D
77-ohm pin contact
D-621-0418
D-621-0477
D-621-0478
D-621-0479
D-621-0480
77-ohm socket contact
D-621-0406
D-621-0461
D-621-0462
D-621-0463
D-621-0464
3000-ohm pin contact
D-621-0423
D-621-0481
D-621-0482
D-621-0483
D-621-0484
3000-ohm socket contact
D-621-0424
D-621-0465
D-621-0466
D-621-0467
D-621-0468
D-621 Series—L
Lanyard 7”
D-621 Series
Threaded
Bayonet A
Bayonet B
Bayonet C
Bayonet D
Plug cap for jack connector
D-600-0083
D-600-0068
D-600-0068
D-600-0068
D-600-0065
Supplied with 7” Lanyard
Cables
Flexible Crimp
All data bus cables
D-150-0708-5
D-621 Plug
D-621 Jack
Splice-in
Bus and Stub Terminators
Product Selection
Connector Caps
Cable Splice Kits


Similar Part No. - D-500-0463-H06

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-1-613-120 PANDUIT-D-500-L455-1-613-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-2-612-120 PANDUIT-D-500-L455-2-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-2-613-120 PANDUIT-D-500-L455-2-613-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
D-500-L455-3-612-120 PANDUIT-D-500-L455-3-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
More results

Similar Description - D-500-0463-H06

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Aeroflex Circuit Techno...
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
   CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
   MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
   CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com