Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 42 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 42 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 38Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 39Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 40Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 41Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 42Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 43Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 44Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 45Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
2–36
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
External Clock Inputs
Each PLL supports single-ended or differential inputs for source-
synchronous receivers or for general-purpose use. The dedicated clock
pins (
CLK[3..0]) feed the PLL inputs. These dual-purpose pins can also
act as LVDS input pins. See Figure 2–25.
Table 2–8 shows the I/O standards supported by PLL input and output
pins.
For more information on LVDS I/O support, see “LVDS I/O Pins” on
page 2–54.
External Clock Outputs
Each PLL supports one differential or one single-ended output for source-
synchronous transmitters or for general-purpose external clocks. If the
PLL does not use these
PLL_OUT pins, the pins are available for use as
general-purpose I/O pins. The
PLL_OUT pins support all I/O standards
shown in Table 2–8.
The external clock outputs do not have their own VCC and ground voltage
supplies. Therefore, to minimize jitter, do not place switching I/O pins
next to these output pins. The EP1C3 device in the 100-pin TQFP package
Table 2–8. PLL I/O Standards
I/O Standard
CLK Input
EXTCLK Output
3.3-V LVTTL/LVCMOS
vv
2.5-V LVTTL/LVCMOS
vv
1.8-V LVTTL/LVCMOS
vv
1.5-V LVCMOS
vv
3.3-V PCI
vv
LVDS
vv
SSTL-2 class I
vv
SSTL-2 class II
vv
SSTL-3 class I
vv
SSTL-3 class II
vv
Differential SSTL-2
v


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com