Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 31 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 31 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 27Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 28Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 29Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 30Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 31Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 32Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 33Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 34Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
Altera Corporation
2–25
January 2007
Preliminary
Embedded Memory
Independent Clock Mode
The M4K memory blocks implement independent clock mode for true
dual-port memory. In this mode, a separate clock is available for each port
(ports A and B). Clock A controls all registers on the port A side, while
clock B controls all registers on the port B side. Each port, A and B, also
supports independent clock enables and asynchronous clear signals for
port A and B registers. Figure 2–17 shows an M4K memory block in
independent clock mode.
Figure 2–17. Independent Clock Mode
Notes (1), (2)
Notes to Figure 2–17:
(1)
All registers shown have asynchronous clear ports.
(2)
Violating the setup or hold time on the address registers could corrupt the memory contents. This applies to both
read and write operations.
Input/Output Clock Mode
Input/output clock mode can be implemented for both the true and
simple dual-port memory modes. On each of the two ports, A or B, one
clock controls all registers for inputs into the memory block: data input,
wren, and address. The other clock controls the block's data output
registers. Each memory block port, A or B, also supports independent
clock enables and asynchronous clear signals for input and output
registers. Figures 2–18 and 2–19 show the memory block in input/output
clock mode.
6
D
ENA
Q
D
ENA
Q
D
ENA
Q
data
A[ ]
address
A[ ]
Memory Block
256 ´ 16 (2)
512 ´ 8
1,024 ´ 4
2,048 ´ 2
4,096 ´ 1
Data In
Address A
Write/Read
Enable
Data Out
Data In
Address B
Write/Read
Enable
Data Out
clken
A
clock
A
D
ENA
Q
wren
A
6 LAB Row Clocks
q
A[ ]
6
data
B[ ]
address
B[ ]
clken
B
clock
B
wren
B
q
B[ ]
ENA
AB
ENA
D
Q
D
ENA
Q
byteena
A[ ]
Byte Enable A
Byte Enable B
byteena
B[ ]
ENA
D
Q
ENA
D
Q
ENA
D
Q
D
Q
Write
Pulse
Generator
Write
Pulse
Generator


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com