Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 29 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 25Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 26Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 27Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 28Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 29Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 30Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 31Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 32Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
Altera Corporation
2–23
January 2007
Preliminary
Embedded Memory
Byte Enables
M4K blocks support byte writes when the write port has a data width of
16, 18, 32, or 36 bits. The byte enables allow the input data to be masked
so the device can write to specific bytes. The unwritten bytes retain the
previous written value. Table 2–5 summarizes the byte selection.
Control Signals & M4K Interface
The M4K blocks allow for different clocks on their inputs and outputs.
Either of the two clocks feeding the block can clock M4K block registers
(
renwe, address, byte enable, datain, and output registers). Only the
output register can be bypassed. The six
labclk signals or local
interconnects can drive the control signals for the A and B ports of the
M4K block. LEs can also control the
clock_a, clock_b, renwe_a,
renwe_b, clr_a, clr_b, clocken_a, and clocken_b signals, as
shown in Figure 2–15.
The R4, C4, and direct link interconnects from adjacent LABs drive the
M4K block local interconnect. The M4K blocks can communicate with
LABs on either the left or right side through these row resources or with
LAB columns on either the right or left with the column resources. Up to
10 direct link input connections to the M4K block are possible from the
left adjacent LABs and another 10 possible from the right adjacent LAB.
M4K block outputs can also connect to left and right LABs through 10
direct link interconnects each. Figure 2–16 shows the M4K block to logic
array interface.
Table 2–5. Byte Enable for M4K Blocks
Notes (1), (2)
byteena[3..0]
datain × 18
datain × 36
[0] = 1
[8..0]
[8..0]
[1] = 1
[17..9]
[17..9]
[2] = 1
[26..18]
[3] = 1
[35..27]
Notes to Table 2–5:
(1)
Any combination of byte enables is possible.
(2)
Byte enables can be used in the same manner with 8-bit words, i.e., in
× 16 and
× 32 modes.


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com