Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 25 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 25 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 21Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 22Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 23Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 24Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 25Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 26Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 27Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 28Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 104 page
background image
Altera Corporation
2–19
January 2007
Preliminary
Embedded Memory
In addition to true dual-port memory, the M4K memory blocks support
simple dual-port and single-port RAM. Simple dual-port memory
supports a simultaneous read and write. Single-port memory supports
non-simultaneous reads and writes. Figure 2–13 shows these different
M4K RAM memory port configurations.
Figure 2–13. Simple Dual-Port & Single-Port Memory Configurations
Note to Figure 2–13:
(1)
Two single-port memory blocks can be implemented in a single M4K block as long
as each of the two independent block sizes is equal to or less than half of the M4K
block size.
The memory blocks also enable mixed-width data ports for reading and
writing to the RAM ports in dual-port RAM configuration. For example,
the memory block can be written in ×1 mode at port A and read out in ×16
mode from port B.
The Cyclone memory architecture can implement fully synchronous
RAM by registering both the input and output signals to the M4K RAM
block. All M4K memory block inputs are registered, providing
synchronous write cycles. In synchronous operation, the memory block
generates its own self-timed strobe write enable (
wren) signal derived
from a global clock. In contrast, a circuit using asynchronous RAM must
generate the RAM
wren signal while ensuring its data and address
signals meet setup and hold time specifications relative to the
wren
data[]
wraddress[]
wren
inclock
inclocken
inaclr
rdaddress[]
rden
q[]
outclock
outclocken
outaclr
data[]
address[]
wren
inclock
inclocken
inaclr
q[]
outclock
outclocken
outaclr
Single-Port Memory (1)
Simple Dual-Port Memory


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com