Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 24 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 24 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 20Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 21Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 22Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 23Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 24Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 25Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 26Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 27Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 104 page
background image
2–18
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Embedded
Memory
The Cyclone embedded memory consists of columns of M4K memory
blocks. EP1C3 and EP1C6 devices have one column of M4K blocks, while
EP1C12 and EP1C20 devices have two columns (see Table 1–1 on
page 1–2 for total RAM bits per density). Each M4K block can implement
various types of memory with or without parity, including true dual-port,
simple dual-port, and single-port RAM, ROM, and FIFO buffers. The
M4K blocks support the following features:
4,608 RAM bits
250 MHz performance
True dual-port memory
Simple dual-port memory
Single-port memory
Byte enable
Parity bits
Shift register
FIFO buffer
ROM
Mixed clock mode
1
Violating the setup or hold time on the address registers could corrupt the
memory contents. This applies to both read and write operations.
Memory Modes
The M4K memory blocks include input registers that synchronize writes
and output registers to pipeline designs and improve system
performance. M4K blocks offer a true dual-port mode to support any
combination of two-port operations: two reads, two writes, or one read
and one write at two different clock frequencies. Figure 2–12 shows true
dual-port memory.
Figure 2–12. True Dual-Port Memory Configuration
dataA[]
addressA[]
wrenA
clockA
clockenA
qA[]
aclrA
dataB[]
addressB[]
wrenB
clockB
clockenB
qB[]
aclrB
AB


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com