Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 100 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 100 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 96Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 97Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 98Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 99Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 100Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 101Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 102Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 103Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 104Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
4–30
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
fOUT (to global clock)
PLL output frequency
(-6 speed grade)
15.625
405
MHz
PLL output frequency
(-7 speed grade)
15.625
320
MHz
PLL output frequency
(-8 speed grade)
15.625
275
MHz
tOUT DUTY
Duty cycle for external clock
output (when set to 50%)
45.00
55
%
tJITTER (1)
Period jitter for external clock
output
±300 (2)
ps
tLOCK (3)
Time required to lock from end
of device configuration
10.00
100
μs
fVCO
PLL internal VCO operating
range
500.00
1,000
MHz
-
Minimum areset time
10
ns
N, G0, G1, E
Counter values
1
32
integer
Notes to Table 4–52:
(1)
The tJITTER specification for the PLL[2..1]_OUT pins are dependent on the I/O pins in its VCCIO bank, how many
of them are switching outputs, how much they toggle, and whether or not they use programmable current strength
or slow slew rate.
(2)
fOUT ≥ 100 MHz. When the PLL external clock output frequency (fOUT) is smaller than 100 MHz, the jitter
specification is 60 mUI.
(3)
fIN/N must be greater than 200 MHz to ensure correct lock detect circuit operation below –20 C. Otherwise, the PLL
operates with the specified parameters under the specified conditions.
Table 4–52. Cyclone PLL Specifications (Part 2 of 2)
Symbol
Parameter
Min
Max
Unit


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com