Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 81 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 81 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 77Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 78Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 79Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 80Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 81Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 82Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 83Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 84Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 85Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Altera Corporation
4–11
January 2007
Preliminary
Timing Model
Internal Timing Parameters
Internal timing parameters are specified on a speed grade basis
independent of device density. Tables 4–21 through 4–24 describe the
Cyclone device internal timing microparameters for LEs, IOEs, M4K
memory structures, and MultiTrack interconnects.
M4K
memory
block
RAM 128 × 36 bit
Single port
-
4,608
1
256.00
222.67
197.01
RAM 128 × 36 bit
Simple
dual-port
mode
-
4,608
1
255.95
222.67
196.97
RAM 256 × 18 bit
True dual-
port mode
-
4,608
1
255.95
222.67
196.97
FIFO 128 × 36 bit
-
40
4,608
1
256.02
222.67
197.01
Shift register
9×4×128
Shift
register
11
4,536
1
255.95
222.67
196.97
Note to Table 4–20:
(1)
The performance numbers for this function are from an EP1C6 device in a 240-pin PQFP package.
Table 4–20. Cyclone Device Performance
Resource
Used
Design Size &
Function
Mode
Resources Used
Performance
LEs
M4K
Memory
Bits
M4K
Memory
Blocks
-6 Speed
Grade
(MHz)
-7 Speed
Grade
(MHz)
-8 Speed
Grade
(MHz)
Table 4–21. LE Internal Timing Microparameter Descriptions
Symbol
Parameter
tSU
LE register setup time before clock
tH
LE register hold time after clock
tCO
LE register clock-to-output delay
tLUT
LE combinatorial LUT delay for data-in to data-out
tCLR
Minimum clear pulse width
tPRE
Minimum preset pulse width
tCLKHL
Minimum clock high or low time


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com