Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 78 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 78 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 74Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 75Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 76Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 77Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 78Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 79Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 80Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 81Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
4–8
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Power
Consumption
Designers can use the Altera web Early Power Estimator to estimate the
device power.
Cyclone devices require a certain amount of power-up current to
successfully power up because of the nature of the leading-edge process
on which they are fabricated. Table 4–17 shows the maximum power-up
current required to power up a Cyclone device.
Designers should select power supplies and regulators that can supply
this amount of current when designing with Cyclone devices. This
specification is for commercial operating conditions. Measurements were
performed with an isolated Cyclone device on the board. Decoupling
capacitors were not used in this measurement. To factor in the current for
decoupling capacitors, sum up the current for each capacitor using the
following equation:
I = C (dV/dt)
The exact amount of current that is consumed varies according to the
process, temperature, and power ramp rate. If the power supply or
regulator can supply more current than required, the Cyclone device may
consume more current than the maximum current specified in Table 4–17.
However, the device does not require any more current to successfully
power up than what is listed in Table 4–17.
The duration of the ICCINT power-up requirement depends on the VCCINT
voltage supply rise time. The power-up current consumption drops when
the VCCINT supply reaches approximately 0.75 V. For example, if the
VCCINT rise time has a linear rise of 15 ms, the current consumption spike
drops by 7.5 ms.
Table 4–17. Cyclone Maximum Power-Up Current (ICCINT) Requirements (In-Rush Current)
Device
Commercial Specification
Industrial Specification
Unit
EP1C3
150
180
mA
EP1C4
150
180
mA
EP1C6
175
210
mA
EP1C12
300
360
mA
EP1C20
500
600
mA
Notes to Table 4–17:
(1)
The Cyclone devices (except for the EP1C20 device) meet the power up specification for Mini PCI.
(2)
The lot codes 9G0082 to 9G2999, or 9G3109 and later comply to the specifications in Table 4–17 and meet the Mini
PCI specification. Lot codes appear at the top of the device.
(3)
The lot codes 9H0004 to 9H29999, or 9H3014 and later comply to the specifications in this table and meet the Mini
PCI specification. Lot codes appear at the top of the device.


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com