Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 68 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 68 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 64Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 65Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 66Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 67Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 68Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 69Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 70Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 71Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 104 page
background image
3–6
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Operating Modes
The Cyclone architecture uses SRAM configuration elements that require
configuration data to be loaded each time the circuit powers up. The
process of physically loading the SRAM data into the device is called
configuration. During initialization, which occurs immediately after
configuration, the device resets registers, enables I/O pins, and begins to
operate as a logic device. Together, the configuration and initialization
processes are called command mode. Normal device operation is called
user mode.
SRAM configuration elements allow Cyclone devices to be reconfigured
in-circuit by loading new configuration data into the device. With real-
time reconfiguration, the device is forced into command mode with a
device pin. The configuration process loads different configuration data,
reinitializes the device, and resumes user-mode operation. Designers can
perform in-field upgrades by distributing new configuration files either
within the system or remotely.
A built-in weak pull-up resistor pulls all user I/O pins to VCCIO before
and during device configuration.
The configuration pins support 1.5-V/1.8-V or 2.5-V/3.3-V I/O
standards. The voltage level of the configuration output pins is
determined by the VCCIO of the bank where the pins reside. The bank
VCCIO selects whether the configuration inputs are 1.5-V, 1.8-V, 2.5-V, or
3.3-V compatible.
Configuration Schemes
Designers can load the configuration data for a Cyclone device with one
of three configuration schemes (see Table 3–5), chosen on the basis of the
target application. Designers can use a configuration device, intelligent
controller, or the JTAG port to configure a Cyclone device. A low-cost
configuration device can automatically configure a Cyclone device at
system power-up.


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com