Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 61 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 61 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 57Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 58Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 59Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 60Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 61Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 62Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 63Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 64Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 65Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
Altera Corporation
2–55
January 2007
Preliminary
Power Sequencing & Hot Socketing
The Cyclone VCCINT pins must always be connected to a 1.5-V power
supply. If the VCCINT level is 1.5 V, then input pins are 1.5-V, 1.8-V, 2.5-V,
and 3.3-V tolerant. The VCCIO pins can be connected to either a 1.5-V, 1.8-V,
2.5-V, or 3.3-V power supply, depending on the output requirements. The
output levels are compatible with systems of the same voltage as the
power supply (i.e., when VCCIO pins are connected to a 1.5-V power
supply, the output levels are compatible with 1.5-V systems). When VCCIO
pins are connected to a 3.3-V power supply, the output high is 3.3-V and
is compatible with 3.3-V or 5.0-V systems. Table 2–14 summarizes
Cyclone MultiVolt I/O support.
Power
Sequencing &
Hot Socketing
Because Cyclone devices can be used in a mixed-voltage environment,
they have been designed specifically to tolerate any possible power-up
sequence. Therefore, the VCCIO and VCCINT power supplies may be
powered in any order.
Signals can be driven into Cyclone devices before and during power up
without damaging the device. In addition, Cyclone devices do not drive
out during power up. Once operating conditions are reached and the
device is configured, Cyclone devices operate as specified by the user.
Table 2–14. Cyclone MultiVolt I/O Support
Note (1)
VCCIO (V)
Input Signal
Output Signal
1.5 V1.8 V2.5 V3.3 V5.0 V1.5 V1.8 V2.5 V3.3 V5.0 V
1.5
vv
v (2)
v (2)
v
1.8
vv
v (2)
v (2)
v (3)
v
2.5
vv
v (5) v (5)
v
3.3
v (4)
v
v (6) v (7) v (7) v (7)
v
v (8)
Notes to Table 2–14:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO.
(2)
When VCCIO = 1.5-V or 1.8-V and a 2.5-V or 3.3-V input signal feeds an input pin, higher pin leakage current is
expected. Turn on Allow voltage overdrive for LVTTL / LVCMOS input pins in the Assignments > Device >
Device and Pin Options > Pin Placement tab when a device has this I/O combinations.
(3)
When VCCIO = 1.8-V, a Cyclone device can drive a 1.5-V device with 1.8-V tolerant inputs.
(4)
When VCCIO = 3.3-V and a 2.5-V input signal feeds an input pin, the VCCIO supply current will be slightly larger
than expected.
(5)
When VCCIO = 2.5-V, a Cyclone device can drive a 1.5-V or 1.8-V device with 2.5-V tolerant inputs.
(6)
Cyclone devices can be 5.0-V tolerant with the use of an external resistor and the internal PCI clamp diode.
(7)
When VCCIO = 3.3-V, a Cyclone device can drive a 1.5-V, 1.8-V, or 2.5-V device with 3.3-V tolerant inputs.
(8)
When VCCIO = 3.3-V, a Cyclone device can drive a device with 5.0-V LVTTL inputs but not 5.0-V LVCMOS inputs.


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com