Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 58 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 58 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 54Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 55Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 56Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 57Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 58Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 59Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 60Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 61Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
2–52
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Advanced I/O Standard Support
Cyclone device IOEs support the following I/O standards:
3.3-V LVTTL/LVCMOS
2.5-V LVTTL/LVCMOS
1.8-V LVTTL/LVCMOS
1.5-V LVCMOS
3.3-V PCI
LVDS
RSDS
SSTL-2 class I and II
SSTL-3 class I and II
Differential SSTL-2 class II (on output clocks only)
Table 2–12 describes the I/O standards supported by Cyclone devices.
Cyclone devices contain four I/O banks, as shown in Figure 2–35. I/O
banks 1 and 3 support all the I/O standards listed in Table 2–12. I/O
banks 2 and 4 support all the I/O standards listed in Table 2–12 except the
3.3-V PCI standard. I/O banks 2 and 4 contain dual-purpose DQS, DQ,
Table 2–12. Cyclone I/O Standards
I/O Standard
Type
Input Reference
Voltage (VREF) (V)
Output Supply
Voltage (VCCIO) (V)
Board
Termination
Voltage (VTT) (V)
3.3-V LVTTL/LVCMOS
Single-ended
N/A
3.3
N/A
2.5-V LVTTL/LVCMOS
Single-ended
N/A
2.5
N/A
1.8-V LVTTL/LVCMOS
Single-ended
N/A
1.8
N/A
1.5-V LVCMOS
Single-ended
N/A
1.5
N/A
3.3-V PCI (1)
Single-ended
N/A
3.3
N/A
LVDS (2)
Differential
N/A
2.5
N/A
RSDS (2)
Differential
N/A
2.5
N/A
SSTL-2 class I and II
Voltage-referenced
1.25
2.5
1.25
SSTL-3 class I and II
Voltage-referenced
1.5
3.3
1.5
Differential SSTL-2 (3)
Differential
1.25
2.5
1.25
Notes to Table 2–12:
(1)
There is no megafunction support for EP1C3 devices for the PCI compiler. However, EP1C3 devices support PCI
by using the LVTTL 16-mA I/O standard and drive strength assignments in the Quartus II software. The device
requires an external diode for PCI compliance.
(2)
EP1C3 devices in the 100-pin TQFP package do not support the LVDS and RSDS I/O standards.
(3)
This I/O standard is only available on output clock pins (
PLL_OUT pins). EP1C3 devices in the 100-pin package
do not support this I/O standard as it does not have
PLL_OUT pins.


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com