Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 52 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 48Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 49Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 50Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 51Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 52Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 53Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 54Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 55Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
2–46
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
to automatically minimize setup time while providing a zero hold time.
Programmable delays can increase the register-to-pin delays for output
registers. Table 2–9 shows the programmable delays for Cyclone devices.
There are two paths in the IOE for a combinatorial input to reach the logic
array. Each of the two paths can have a different delay. This allows you
adjust delays from the pin to internal LE registers that reside in two
different areas of the device. The designer sets the two combinatorial
input delays by selecting different delays for two different paths under
the Decrease input delay to internal cells logic option in the Quartus II
software. When the input signal requires two different delays for the
combinatorial input, the input register in the IOE is no longer available.
The IOE registers in Cyclone devices share the same source for clear or
preset. The designer can program preset or clear for each individual IOE.
The designer can also program the registers to power up high or low after
configuration is complete. If programmed to power up low, an
asynchronous clear can control the registers. If programmed to power up
high, an asynchronous preset can control the registers. This feature
prevents the inadvertent activation of another device's active-low input
upon power up. If one register in an IOE uses a preset or clear signal then
all registers in the IOE must use that same signal if they require preset or
clear. Additionally a synchronous reset signal is available to the designer
for the IOE registers.
External RAM Interfacing
Cyclone devices support DDR SDRAM and FCRAM interfaces at up to
133 MHz through dedicated circuitry.
DDR SDRAM & FCRAM
Cyclone devices have dedicated circuitry for interfacing with DDR
SDRAM. All I/O banks support DDR SDRAM and FCRAM I/O pins.
However, the configuration input pins in bank 1 must operate at 2.5 V
because the SSTL-2 VCCIO level is 2.5 V. Additionally, the configuration
Table 2–9. Cyclone Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin to logic array delay
Decrease input delay to internal cells
Input pin to input register delay
Decrease input delay to input registers
Output pin delay
Increase delay to output pin


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com