Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C12F100C6ES Datasheet(PDF) 47 Page - Altera Corporation

Part # EP1C12F100C6ES
Description  Cyclone FPGA Family Data Sheet
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C12F100C6ES Datasheet(HTML) 47 Page - Altera Corporation

Back Button EP1C12F100C6ES Datasheet HTML 43Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 44Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 45Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 46Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 47Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 48Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 49Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 50Page - Altera Corporation EP1C12F100C6ES Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
Altera Corporation
2–41
January 2007
Preliminary
I/O Structure
Figure 2–28. Row I/O Block Connection to the Interconnect
Notes to Figure 2–28:
(1)
The 21 data and control signals consist of three data out lines,
io_dataout[2..0], three output enables,
io_coe[2..0], three input clock enables, io_cce_in[2..0], three output clock enables, io_cce_out[2..0],
three clocks,
io_cclk[2..0], three asynchronous clear signals, io_caclr[2..0], and three synchronous clear
signals,
io_csclr[2..0].
(2)
Each of the three IOEs in the row I/O block can have one
io_datain input (combinatorial or registered) and one
comb_io_datain (combinatorial) input.
21
R4 Interconnects
C4 Interconnects
I/O Block Local
Interconnect
21 Data and
Control Signals
from Logic Array (1)
io_datain[2..0] and
comb_io_datain[2..0] (2)
io_clk[5:0]
Row I/O Block
Contains up to
Three IOEs
Direct Link
Interconnect
to Adjacent LAB
Direct Link
Interconnect
from Adjacent LAB
LAB Local
Interconnect
LAB
Row
I/O Block


Similar Part No. - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12F100C6 ALTERA-EP1C12F100C6 Datasheet
1Mb / 94P
Cyclone FPGA Family
More results

Similar Description - EP1C12F100C6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
Cyclone FPGA Family
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
Cyclone FPGA Family
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
Section I. Cyclone FPGA Family Data Sheet
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
Cyclone IV FPGA Device Family
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com