Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F683 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC12F683
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC12F683 Datasheet HTML 7Page - Microchip Technology PIC12F683 Datasheet HTML 8Page - Microchip Technology PIC12F683 Datasheet HTML 9Page - Microchip Technology PIC12F683 Datasheet HTML 10Page - Microchip Technology PIC12F683 Datasheet HTML 11Page - Microchip Technology PIC12F683 Datasheet HTML 12Page - Microchip Technology PIC12F683 Datasheet HTML 13Page - Microchip Technology PIC12F683 Datasheet HTML 14Page - Microchip Technology PIC12F683 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41211B-page 9
PIC12F683
TABLE 2-1:
PIC12F683 SPECIAL REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Page
Bank 0
00h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 17, 83
01h
TMR0
Timer0 Module’s Register
xxxx xxxx
39, 83
02h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
17, 83
03h
STATUS
IRP(1)
RP1(1)
RP0
TO
PD
Z
DC
C
0001 1xxx
11, 83
04h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
17, 83
05h
GPIO
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
31, 83
06h
Unimplemented
07h
Unimplemented
08h
Unimplemented
09h
Unimplemented
0Ah
PCLATH
Write Buffer for upper 5 bits of Program Counter
---0 0000
17, 83
0Bh
INTCON
GIE
PEIE
T0IE
INTE
GPIE
T0IF
INTF
GPIF
0000 0000
13, 83
0Ch
PIR1
EEIF
ADIF
CCP1IF
CMIF
OSFIF
TMR2IF
TMR1IF
000- 0000
15, 83
0Dh
Unimplemented
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1
xxxx xxxx
41, 83
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1
xxxx xxxx
41, 83
10h
T1CON
T1GINV
TMR1GE
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS
TMR1ON 0000 0000 43, 83
11h
TMR2
Timer2 Module Register
0000 0000
45, 83
12h
T2CON
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON
T2CKPS1
T2CKPS0 -000 0000 45, 83
13h
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
70, 83
14h
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
70, 83
15h
CCP1CON
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0 --00 0000 69, 83
16h
Unimplemented
17h
Unimplemented
18h
WDTCON
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN ---0 1000 90, 83
19h
CMCON0
—COUT
CINV
CIS
CM2
CM1
CM0
-0-0 0000
47, 83
1Ah
CMCON1
T1GSS
CMSYNC ---- --10 50, 83
1Bh
Unimplemented
1Ch
Unimplemented
1Dh
Unimplemented
1Eh
ADRESH
Most Significant 8 bits of the left shifted A/D result or 2 bits of right shifted result
xxxx xxxx
57,83
1Fh
ADCON0
ADFM
VCFG
CHS1
CHS0
GO/DONE
ADON
00-- 0000
58,83
Legend:
— = unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition,
shaded = unimplemented
Note
1:
IRP and RP1 bits are reserved, always maintain these bits clear.


Similar Part No. - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC12F683-E/MD MICROCHIP-PIC12F683-E/MD Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MDQTP MICROCHIP-PIC12F683-E/MDQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MF MICROCHIP-PIC12F683-E/MF Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MFQTP MICROCHIP-PIC12F683-E/MFQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
   8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_05 Datasheet
2Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2005
PIC16F627A MICROCHIP-PIC16F627A_07 Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_09 Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com