Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F683 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC12F683
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC12F683 Datasheet HTML 4Page - Microchip Technology PIC12F683 Datasheet HTML 5Page - Microchip Technology PIC12F683 Datasheet HTML 6Page - Microchip Technology PIC12F683 Datasheet HTML 7Page - Microchip Technology PIC12F683 Datasheet HTML 8Page - Microchip Technology PIC12F683 Datasheet HTML 9Page - Microchip Technology PIC12F683 Datasheet HTML 10Page - Microchip Technology PIC12F683 Datasheet HTML 11Page - Microchip Technology PIC12F683 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
PIC12F683
DS41211B-page 6
Preliminary
 2004 Microchip Technology Inc.
TABLE 1-1:
PIC12F683 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
VDD
VDD
Power
Positive supply
GP5/T1CKI/OSC1/CLKIN
GP5
TTL
CMOS
GPIO I/O w/programmable pull-up and interrupt-on-change
T1CKI
ST
Timer1 clock
OSC1
XTAL
Crystal/Resonator
CLKIN
ST
External clock input/RC oscillator connection
GP4/AN3/T1G/OSC2/CLKOUT
GP4
TTL
CMOS
GPIO I/O w/programmable pull-up and interrupt-on-change
AN3
AN
A/D Channel 3 input
T1G
ST
Timer1 gate
OSC2
XTAL
Crystal/Resonator
CLKOUT
CMOS
FOSC/4 output
GP3/MCLR/VPP
GP3
TTL
GPIO input with interrupt-on-change
MCLR
ST
Master Clear w/internal pull-up
VPP
HV
Programming voltage
GP2/AN2/T0CKI/INT/COUT/CCP1
GP2
ST
CMOS
GPIO I/O w/programmable pull-up and interrupt-on-change
AN2
AN
A/D Channel 2 input
T0CKI
ST
Timer0 clock input
INT
ST
External Interrupt
COUT
CMOS
Comparator 1 output
CCP1
ST
CMOS
Capture input/Compare output/PWM output
GP1/AN1/CIN-/VREF/ICSPCLK
GP1
TTL
CMOS
GPIO I/O w/programmable pull-up and interrupt-on-change
AN1
AN
A/D Channel 1 input
CIN-
AN
Comparator 1 input
VREF
AN
External Voltage Reference for A/D
ICSPCLK
ST
Serial Programming Clock
GP0/AN0/CIN+/ICSPDAT/ULPWU
GP0
TTL
CMOS
GPIO I/O w/programmable pull-up and interrupt-on-change
AN0
AN
A/D Channel 0 input
CIN+
AN
Comparator 1 input
ICSPDAT
ST
CMOS
Serial Programming Data I/O
ULPWU
AN
Ultra Low-power Wake-up input
VSS
VSS
Power
Ground reference
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HV = High Voltage
XTAL
= Crystal


Similar Part No. - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC12F683-E/MD MICROCHIP-PIC12F683-E/MD Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MDQTP MICROCHIP-PIC12F683-E/MDQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MF MICROCHIP-PIC12F683-E/MF Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MFQTP MICROCHIP-PIC12F683-E/MFQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
   8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_05 Datasheet
2Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2005
PIC16F627A MICROCHIP-PIC16F627A_07 Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_09 Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com