Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC12F683 Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC12F683
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683 Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC12F683 Datasheet HTML 47Page - Microchip Technology PIC12F683 Datasheet HTML 48Page - Microchip Technology PIC12F683 Datasheet HTML 49Page - Microchip Technology PIC12F683 Datasheet HTML 50Page - Microchip Technology PIC12F683 Datasheet HTML 51Page - Microchip Technology PIC12F683 Datasheet HTML 52Page - Microchip Technology PIC12F683 Datasheet HTML 53Page - Microchip Technology PIC12F683 Datasheet HTML 54Page - Microchip Technology PIC12F683 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41211B-page 49
PIC12F683
8.3
Comparator Configuration
There are eight modes of operation for the comparator.
The CMCON0 register is used to select these modes.
Figure 8-3 shows the eight possible modes.
If the Comparator mode is changed, the comparator
output level may not be valid for the specified mode
change delay shown in Section 15.0 “Electrical
Specifications”.
FIGURE 8-3:
COMPARATOR I/O OPERATING MODES
Note:
Comparator interrupts should be disabled
during
a
Comparator
mode
change.
Otherwise, a false interrupt may occur.
Comparator Reset (POR Default Value – Low Power)
Comparator Off (Lowest Power)
CM<2:0> = 000
CM<2:0> = 111
Comparator without Output
Comparator w/o Output and with Internal Reference
CM<2:0> = 010
CM<2:0> = 100
Comparator with Output and Internal Reference
Multiplexed Input with Internal Reference and Output
CM<2:0> = 011
CM<2:0> = 101
Comparator with Output
Multiplexed Input with Internal Reference
CM<2:0> = 001
CM<2:0> = 110
Legend: A = Analog Input, ports always read ‘0’
CIS = Comparator Input Switch (CMCON0<3>)
D = Digital Input
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
A
A
GP2/COUT
D
GP1/CIN-
GP0/CIN+
Off (Read as ‘0’)
D
D
GP2/COUT
D
GP1/CIN-
GP0/CIN+
COUT
A
A
GP2/COUT
D
GP1/CIN-
GP0/CIN+
COUT
A
D
GP2/COUT
D
From CVREF Module
GP1/CIN-
GP0/CIN+
COUT
A
D
GP2/COUT
D
From CVREF Module
GP1/CIN-
GP0/CIN+
COUT
A
A
GP2/COUT
D
From CVREF Module
CIS = 0
CIS = 1
GP1/CIN-
GP0/CIN+
COUT
A
A
GP2/COUT
D
GP1/CIN-
GP0/CIN+
COUT
A
A
GP2/COUT
D
From CVREF Module
CIS = 0
CIS = 1


Similar Part No. - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC12F683-E/MD MICROCHIP-PIC12F683-E/MD Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MDQTP MICROCHIP-PIC12F683-E/MDQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MF MICROCHIP-PIC12F683-E/MF Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F683-E/MFQTP MICROCHIP-PIC12F683-E/MFQTP Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC12F683

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635 Datasheet
3Mb / 196P
   8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
2005
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_05 Datasheet
2Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2005
PIC16F627A MICROCHIP-PIC16F627A_07 Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_09 Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com