Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T81_06 Datasheet HTML 19Page - STMicroelectronics M41T81_06 Datasheet HTML 20Page - STMicroelectronics M41T81_06 Datasheet HTML 21Page - STMicroelectronics M41T81_06 Datasheet HTML 22Page - STMicroelectronics M41T81_06 Datasheet HTML 23Page - STMicroelectronics M41T81_06 Datasheet HTML 24Page - STMicroelectronics M41T81_06 Datasheet HTML 25Page - STMicroelectronics M41T81_06 Datasheet HTML 26Page - STMicroelectronics M41T81_06 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
M41T81
DC and AC parameters
23/30
Figure 15.
Power down/up mode AC waveforms
Table 9.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤VIN ≤VCC
±1
µA
ILO
Output leakage current
0V
≤VOUT ≤VCC
±1
µA
ICC1
Supply current
Switch freq = 400kHz
400
µA
ICC2
Supply current (standby)
SCL,SDA = VCC – 0.3V
100
µA
VIL
Input low voltage
–0.3
0.3VCC
V
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VOL
Output low voltage
IOL = 3.0mA
0.4
V
Output low voltage (open
drain)(2)
2.
For IRQ/FT/OUT/SQW pin (Open Drain)
IOL = 10mA
0.4
V
Pull-up supply voltage
(open drain)
IRQ/OUT/FT/SQW
5.5
V
VBAT
(3)
3.
STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Battery supply voltage
2.5(4)
4.
After switchover (VSO), VBAT (min) can be 2.0V for crystal with RS = 40KΩ.
33.5(5)
5.
For rechargeable back-up, VBAT (max) may be considered VCC.
V
IBAT
Battery supply current
TA = 25°C, VCC = 0V
oscillator on, VBAT = 3V
0.6
1
µA
Table 10.
Crystal electrical characteristics
Sym
Parameter(1) (2)
1.
Externally supplied. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S:
1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations. KDS can be contacted at kouhou@kdsj.co.jp or
http://www.kdsj.co.jp for further information on this crystal type.
2.
Load capacitors are integrated within the M41T81. Circuit board layout considerations for the 32.768kHz crystal of minimum trace lengths and
isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
CL
Load capacitance
12.5
pF
AI00596
VCC
trec
tPD
VSO
SDA
SCL
DON'T CARE


Similar Part No. - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
Serial access real-time clock with alarm
More results

Similar Description - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
Serial access Real Time Clock with alarm
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
Serial access real-time clock with alarm
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com