Electronic Components Datasheet Search |
|
M41T81 Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
M41T81 Datasheet(HTML) 22 Page - STMicroelectronics |
22 / 30 page DC and AC parameters M41T81 22/30 5 DC and AC parameters This section summarizes the operating and measurement conditions, as well as the DC and AC characteristics of the device. The parameters in the following DC and AC Characteristic tables are derived from tests performed under the Measurement Conditions listed in the relevant tables. Designers should check that the operating conditions in their projects match the measurement conditions when using the quoted parameters. Figure 14. AC measurement I/O waveform Table 7. Operating and AC measurement conditions(1) 1. Output Hi-Z is defined as the point where data is no longer driven. Parameter M41T81 Supply voltage (VCC) 2.0 to 5.5V Ambient operating temperature (TA) –40 to 85°C Load capacitance (CL) 100pF Input rise and fall times ≤50ns Input pulse voltages 0.2VCC to 0.8 VCC Input and output timing ref. voltages 0.3VCC to 0.7 VCC Table 8. Capacitance Symbol Parameter(1) (2) 1. Effective capacitance measured with power supply at 5V; sampled only, not 100% tested. 2. At 25°C, f = 1MHz. Min Max Unit CIN Input capacitance 7 pF COUT (3) 3. Outputs deselected. Output capacitance 10 pF tLP Low-pass filter input time constant (SDA and SCL) 50 ns AI02568 0.8VCC 0.2VCC 0.7VCC 0.3VCC |
Similar Part No. - M41T81_06 |
|
Similar Description - M41T81_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |