Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T81_06 Datasheet HTML 12Page - STMicroelectronics M41T81_06 Datasheet HTML 13Page - STMicroelectronics M41T81_06 Datasheet HTML 14Page - STMicroelectronics M41T81_06 Datasheet HTML 15Page - STMicroelectronics M41T81_06 Datasheet HTML 16Page - STMicroelectronics M41T81_06 Datasheet HTML 17Page - STMicroelectronics M41T81_06 Datasheet HTML 18Page - STMicroelectronics M41T81_06 Datasheet HTML 19Page - STMicroelectronics M41T81_06 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Clock operation
M41T81
16/30
The IRQ/FT/OUT/SQW pin is an open drain output which requires a pull-up resistor to VCC
for proper operation. A 500-10k resistor is recommended in order to control the rise time.
The FT Bit is cleared on power-down.
Figure 10.
Crystal accuracy across temperature
Figure 11.
Clock calibration
AI07888
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
= –0.036 ppm/
°C
2 ± 0.006 ppm/°C2
K
∆F
= K x (T – T
O)
2
F
T
O = 25°C ± 5°C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION


Similar Part No. - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results

Similar Description - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
   Serial access Real Time Clock with alarm
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
   Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com