Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81 Datasheet(PDF) 14 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M41T81_06 Datasheet HTML 10Page - STMicroelectronics M41T81_06 Datasheet HTML 11Page - STMicroelectronics M41T81_06 Datasheet HTML 12Page - STMicroelectronics M41T81_06 Datasheet HTML 13Page - STMicroelectronics M41T81_06 Datasheet HTML 14Page - STMicroelectronics M41T81_06 Datasheet HTML 15Page - STMicroelectronics M41T81_06 Datasheet HTML 16Page - STMicroelectronics M41T81_06 Datasheet HTML 17Page - STMicroelectronics M41T81_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Clock operation
M41T81
14/30
Table 2.
Clock register map(1)
Addr
Function/range BCD
format
D7
D6
D5
D4
D3
D2
D1
D0
00h
0.1 seconds
0.01 seconds
Seconds
00-99
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
0
10 minutes
Minutes
Minutes
00-59
03h
CEB
CB
10 hours
Hours (24 hour format)
Century/
hours
0-1/00-23
04h
0
0
0
0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
0
0
0
10M
Month
Month
01-12
07h
10 years
Year
Year
00-99
08h
OUT
FT
S
Calibration
Control
09h
0
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
ABE
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10 date
Alarm date
Al date
01-31
0Ch
RPT3
HT
AI 10 hour
Alarm hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
0
0
0
0
0
Flags
10h
0
0
0
0
0
0
0
0
Reserved
11h
0
0
0
0
0
0
0
0
Reserved
12h
0
0
0
0
0
0
0
0
Reserved
13h
RS3
RS2
RS1
RS0
0
0
0
0
SQW
1.
Keys:
S = Sign Bit
FT = Frequency Test Bit
ST = Stop Bit
0 = Must be set to '0'
BMB0-BMB4 = Watchdog Multiplier Bits
CEB = Century Enable Bit
CB = Century Bit
OUT = Output level
ABE = Alarm in Battery Back-up Mode Enable Bit
AFE = Alarm Flag Enable Flag
RB0-RB1 = Watchdog Resolution Bits
RPT1-RPT5 = Alarm Repeat Mode Bits
WDF = Watchdog Flag (Read only)
AF = Alarm Flag (Read only)
SQWE = Square Wave Enable
RS0-RS3 = SQW Frequency
HT = Halt Update Bit


Similar Part No. - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results

Similar Description - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
   Serial access Real Time Clock with alarm
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
   Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com