Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M41T81 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41T81_06 Datasheet HTML 8Page - STMicroelectronics M41T81_06 Datasheet HTML 9Page - STMicroelectronics M41T81_06 Datasheet HTML 10Page - STMicroelectronics M41T81_06 Datasheet HTML 11Page - STMicroelectronics M41T81_06 Datasheet HTML 12Page - STMicroelectronics M41T81_06 Datasheet HTML 13Page - STMicroelectronics M41T81_06 Datasheet HTML 14Page - STMicroelectronics M41T81_06 Datasheet HTML 15Page - STMicroelectronics M41T81_06 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Operation
M41T81
12/30
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T81 slave receiver. Bus protocol is
shown in Figure 9 on page 12. Following the START condition and slave address, a logic '0'
(R/W=0) is placed on the bus and indicates to the addressed device that word address “An”
will follow and is to be written to the on-chip address pointer. The data word to be written to
the memory is strobed in next and the internal address pointer is incremented to the next
address location on the reception of an acknowledge clock. The M41T81 slave receiver will
send an acknowledge clock to the master transmitter after it has received the slave address
see Figure 6 on page 11 and again after it has received the word address and each data
byte.
2.4
Data retention mode
With valid VCC applied, the M41T81 can be accessed as described above with READ or
WRITE Cycles. Should the supply voltage decay, the power input will be switched from the
VCC pin to the battery when VCC falls below the Battery Back-up Switchover Voltage (VSO).
At this time the clock registers will be maintained by the attached battery supply. On power-
up, when VCC returns to a nominal value, write protection continues for trec (see Figure 10
on page 23, Table 11 on page 24).
For a further, more detailed review of lifetime calculations, please see Application Note
AN1012.
Figure 9.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS
AI00895
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
SLAVE
ADDRESS


Similar Part No. - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
More results

Similar Description - M41T81_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_08 Datasheet
259Kb / 30P
   Serial access real-time clock with alarm
M41T80 STMICROELECTRONICS-M41T80_06 Datasheet
208Kb / 25P
   Serial access Real Time Clock with alarm
M41T81 STMICROELECTRONICS-M41T81_10 Datasheet
460Kb / 29P
   Serial access real-time clock with alarm
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
   Serial access real-time clock
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
   Serial Access Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
   Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com