Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 30 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 30 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 26Page - Fujitsu Component Limited. MB90867E Datasheet HTML 27Page - Fujitsu Component Limited. MB90867E Datasheet HTML 28Page - Fujitsu Component Limited. MB90867E Datasheet HTML 29Page - Fujitsu Component Limited. MB90867E Datasheet HTML 30Page - Fujitsu Component Limited. MB90867E Datasheet HTML 31Page - Fujitsu Component Limited. MB90867E Datasheet HTML 32Page - Fujitsu Component Limited. MB90867E Datasheet HTML 33Page - Fujitsu Component Limited. MB90867E Datasheet HTML 34Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
MB90860E Series
30
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
000060H
Timer Control Status 0
TMCSR0
R/W
16-bit Reload
Timer 0
00000000B
000061H
Timer Control Status 0
TMCSR0
R/W
XXXX0000B
000062H
Timer Control Status 1
TMCSR1
R/W
16-bit Reload
Timer 1
00000000B
000063H
Timer Control Status 1
TMCSR1
R/W
XXXX0000B
000064H
Timer Control Status 2
TMCSR2
R/W
16-bit Reload
Timer 2
00000000B
000065H
Timer Control Status 2
TMCSR2
R/W
XXXX0000B
000066H
Timer Control Status 3
TMCSR3
R/W
16-bit Reload
Timer 3
00000000B
000067H
Timer Control Status 3
TMCSR3
R/W
XXXX0000B
000068H
A/D Control Status 0
ADCS0
R/W
A/D Converter
000XXXX0B
000069H
A/D Control Status 1
ADCS1
R/W
0000000XB
00006AH A/D Data 0
ADCR0
R
00000000B
00006BH A/D Data 1
ADCR1
R
XXXXXX00B
00006CH ADC Setting 0
ADSR0
R/W
00000000B
00006DH ADC Setting 1
ADSR1
R/W
00000000B
00006EH
Reserved
00006FH
ROM Mirror Function Select
ROMM
W
ROM Mirror
XXXXXXX1B
000070H
to
00009AH
Reserved
00009BH
DMA Descriptor Channel Specified
Register
DCSR
R/W
DMA
00000000B
00009CH DMA Status L Register
DSRL
R/W
00000000B
00009DH DMA Status H Register
DSRH
R/W
00000000B
00009EH Address Detect Control Register 0
PACSR0
R/W
Address Match
Detection 0
00000000B
00009FH
Delayed Interrupt/release
DIRR
R/W
Delayed Interrupt
XXXXXXX0B
0000A0H Low-power Mode Control Register
LPMCR
W,R/W
Low Power
Control Circuit
00011000B
0000A1H Clock Selection Register
CKSCR
R,R/W
Low Power
Control Circuit
11111100B
0000A2H,
0000A3H
Reserved
0000A4H DMA Stop Status Register
DSSR
R/W
DMA
00000000B
0000A5H Automatic Ready Function Select Register
ARSR
W
External Memory
Access
0011XX00B
0000A6H External Address Output Control Register
HACR
W
00000000B
0000A7H Bus Control Signal Selection Register
ECSR
W
0000000XB
0000A8H Watchdog Control Register
WDTC
R,W
Watchdog Timer
XXXXX111B


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com