Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 19Page - Fujitsu Component Limited. MB90867E Datasheet HTML 20Page - Fujitsu Component Limited. MB90867E Datasheet HTML 21Page - Fujitsu Component Limited. MB90867E Datasheet HTML 22Page - Fujitsu Component Limited. MB90867E Datasheet HTML 23Page - Fujitsu Component Limited. MB90867E Datasheet HTML 24Page - Fujitsu Component Limited. MB90867E Datasheet HTML 25Page - Fujitsu Component Limited. MB90867E Datasheet HTML 26Page - Fujitsu Component Limited. MB90867E Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
MB90860E Series
23
13. Stabilization of power supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the specified VCC supply
voltage operating range. Therefore, the VCC supply voltage should be stabilized.
For the reference, stabilize the supply voltage by setting the following value.
•VCC ripple variations (peak-to-peak value) at commercial frequencies (50 Hz/60 Hz) fall below 10
% of the
standard VCC supply voltage
• The coefficient of fluctuation does not exceed 0.1 V/ms at instantaneous power switching.
14. Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers,
turn on the power again.
15. Port 0 to port 3 output during Power-on (External-bus mode)
As shown below, when power is turned on in External-Bus mode, in spite of reset input, there is a possibility that
output signal of Port 0 to Port 3 might be unstable.
16. Flash security Function
The security bit is located in the area of the flash memory.
If protection code 01H is written in the security bit, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Please refer to following table for the address of the security bit.
Flash memory size
Address for security bit
MB90F867E(S)
Embedded 1 Mbit Flash Memory
FE0001H
Port 0 to Port 3 outputs
might be unstable
Port 0 to Port 3 outputs = Hi-Z
Port 0 to Port 3
VCC
1/2VCC


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com