Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 22 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 22 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 18Page - Fujitsu Component Limited. MB90867E Datasheet HTML 19Page - Fujitsu Component Limited. MB90867E Datasheet HTML 20Page - Fujitsu Component Limited. MB90867E Datasheet HTML 21Page - Fujitsu Component Limited. MB90867E Datasheet HTML 22Page - Fujitsu Component Limited. MB90867E Datasheet HTML 23Page - Fujitsu Component Limited. MB90867E Datasheet HTML 24Page - Fujitsu Component Limited. MB90867E Datasheet HTML 25Page - Fujitsu Component Limited. MB90867E Datasheet HTML 26Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
MB90860E Series
22
5.
Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (AN0 to AN23)
after turning-on the digital power supply (VCC) .
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simultaneously
is acceptable) .
6.
Connection of Unused Pins of A/D Converter if A/D Converter is used
Connect unused pins of A/D converter to AVCC
= VCC, AVSS = AVRH = AVRL = VSS.
7.
Crystal Oscillator Circuit
X0, X1 pins and X0A, X1A pins may be possible causes of abnormal operations. Make sure to provide bypass
capacitors via shortest distance from X0, X1 pins and X0A, X1A pins, crystal oscillator (or ceramic oscillator)
and ground lines, and make sure, to the utmost effort, that lines of oscillation circuit not cross the lines of other
circuits.
It is highly recommended to provide a printed circuit board art work surrounding X0, X1 pins and X0A, X1A pins
with a ground area for stabilizing the operation.
8.
Pull-up/down resistors
The MB90860E Series does not support internal pull-up/down resistors (Port 0 to Port 3: built-in pull-up resistors).
Use external components where needed.
9.
Using external clock
To use external clock, drive the X0 pin and leave X1 pin open.
10. Precautions for when not using a sub clock signal
If you do not connect pins X0A and X1A to an oscillator, use pull-down handling on the X0A pin, and leave the
X1A pin open.
11. Notes on during operation of PLL clock mode
If the PLL clock mode is selected, the MB90860 series attempt to be working with the self-oscillating circuit even
when there is no external oscillator or external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.
12. Notes on Energization
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during energization at 50
or more
µs (0.2 V to 2.7 V)
X0
X1
MB90860E Series
Open


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com