Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867E Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB90867E Datasheet HTML 1Page - fujitsu semiconductor MB90867E Datasheet HTML 2Page - fujitsu semiconductor MB90867E Datasheet HTML 3Page - fujitsu semiconductor MB90867E Datasheet HTML 4Page - fujitsu semiconductor MB90867E Datasheet HTML 5Page - fujitsu semiconductor MB90867E Datasheet HTML 6Page - fujitsu semiconductor MB90867E Datasheet HTML 7Page - fujitsu semiconductor MB90867E Datasheet HTML 8Page - fujitsu semiconductor MB90867E Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
MB90860E Series
2
■ FEATURES
• CPU
• Instruction system best suited to controller
• Wide choice of data types (bit, byte, word, and long word)
• Wide choice of addressing modes(23 types)
• Enhanced multiply-divide instructions and RETI instructions
• Enhanced high-precision computing with 32-bit accumulator
• Instruction system compatible with high-level language (C language) and multitask
• Employing system stack pointer
• Enhanced various pointer indirect instructions
• Barrel shift instructions
• Increased processing speed
• 4-byte instruction queue
• Serial interface
• UART (LIN/SCI) : up to 4 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available
•I2C interface* : up to 2 channels
• Up to 400 Kbits/s transfer rate
• Interrupt controller
• Powerful interrupt function
• Powerful 8-level, 34-condition interrupt feature
• Up to 16 external interrupts are supported
• Automatic data transfer function independent of CPU
• Expanded intelligent I/O service function (EI2OS) : up to 16 channels
• I/O port
• General-purpose input/output port (CMOS output)
- 80 ports (devices without S-suffix)
- 82 ports (devices with S-suffix)
• 8/10-bit A/D converter
• 8/10-bit A/D converter : 24 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24-MHz machine clock, including sampling time)
• Program patch function
• Timer
• Time-base timer, clock timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 16 channels, or 16-bit × 8 channels
• 16-bit reload timer : 4 channels
• 16-bit input/output timer
- 16-bit free run timer : 2 channel
(FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/5/6/7)
- 16-bit input capture: (ICU) : 8 channels
- 16-bit output compare : (OCU) : 8 channels


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com