Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 11Page - Fujitsu Component Limited. MB90867E Datasheet HTML 12Page - Fujitsu Component Limited. MB90867E Datasheet HTML 13Page - Fujitsu Component Limited. MB90867E Datasheet HTML 14Page - Fujitsu Component Limited. MB90867E Datasheet HTML 15Page - Fujitsu Component Limited. MB90867E Datasheet HTML 16Page - Fujitsu Component Limited. MB90867E Datasheet HTML 17Page - Fujitsu Component Limited. MB90867E Datasheet HTML 18Page - Fujitsu Component Limited. MB90867E Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
MB90860E Series
15
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
87
85
P12
N
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD10
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin (sub)
88
86
P13
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD11
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SOT3
Serial data output pin for UART3
89
87
P14
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD12
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
SCK3
Clock I/O pin for UART3
90
88
VCC
Power (3.5 V to 5.5 V) input pin
91
89
VSS
GND pin
92
90
X1
A
Main clock output pin
93
91
X0
Main clock input pin
94
92
P15
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD13
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
95
93
P16
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD14
I/O pin for the external address/data bus.
This function is enabled when the external bus is enabled.
96
94
P17
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled in
single-chip mode.
AD15
I/O pin for the external address/data bus. This function is
enabled when the external bus is enabled.


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com