Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 7Page - Fujitsu Component Limited. MB90867E Datasheet HTML 8Page - Fujitsu Component Limited. MB90867E Datasheet HTML 9Page - Fujitsu Component Limited. MB90867E Datasheet HTML 10Page - Fujitsu Component Limited. MB90867E Datasheet HTML 11Page - Fujitsu Component Limited. MB90867E Datasheet HTML 12Page - Fujitsu Component Limited. MB90867E Datasheet HTML 13Page - Fujitsu Component Limited. MB90867E Datasheet HTML 14Page - Fujitsu Component Limited. MB90867E Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
MB90860E Series
11
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1 LQFP100*2
97
P34
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the hold function disabled.
HRQ
Hold request input pin. This function is enabled when both the
external bus and the hold function are enabled.
OUT4
Waveform output pin for output compare 4.
10
8
P35
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the hold function disabled.
HAK
Hold acknowledge output pin. This function is enabled when
both the external bus and the hold function are enabled.
OUT5
Waveform output pin for output compare 5.
11
9
P36
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the external ready function disabled.
RDY
External ready input pin. This function is enabled when both the
external bus and the external ready function are enabled.
OUT6
Waveform output pin for output compare 6.
12
10
P37
G
General purpose I/O pin. The register can be set to select
whether to use a pull-up resistor. This function is enabled either
in single-chip mode or with the clock output disabled.
CLK
Clock output pin. This function is enabled when both the
external bus and clock output are enabled.
OUT7
Waveform output pin for output compare 7.
13, 14
11, 12
P40, P41
F
General purpose I/O pins.
(devices with S-suffix)
X0A , X1A
B
Input pins for sub-clock
(devices without S-suffix)
15
13
VCC
Power (3.5 V to 5.5 V) input pin
16
14
VSS
GND pin
17
15
C
K
This is the power supply stabilization capacitor pin. It should be
connected to a higher than or equal to 0.1
µF ceramic
capacitor.
18
16
P42
F
General purpose I/O pin.
IN6
Trigger input pin for input capture 6.
INT9R
External interrupt request input pin (sub)


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com