Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 60 Page - fujitsu semiconductor

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867E Datasheet(HTML) 60 Page - fujitsu semiconductor

Back Button MB90867E Datasheet HTML 56Page - fujitsu semiconductor MB90867E Datasheet HTML 57Page - fujitsu semiconductor MB90867E Datasheet HTML 58Page - fujitsu semiconductor MB90867E Datasheet HTML 59Page - fujitsu semiconductor MB90867E Datasheet HTML 60Page - fujitsu semiconductor MB90867E Datasheet HTML 61Page - fujitsu semiconductor MB90867E Datasheet HTML 62Page - fujitsu semiconductor MB90867E Datasheet HTML 63Page - fujitsu semiconductor MB90867E Datasheet HTML 64Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
MB90860E Series
60
7.
Notes on A/D Converter Section
Use the device with external circuits of the following output impedance for analog inputs :
Recommended output impedance of external circuits are : Approx. 1.5 k
Ω or lower (4.0 V ≤ AVCC ≤ 5.5 V,
sampling period
≤ 0.5 µs)
If an external capacitor is used, in consideration of the effect by tap capacitance caused by external capacitors
and on-chip capacitors, capacitance of the external one is recommended to be several thousand times as high
as internal capacitor.
If output impedance of an external circuit is too high, a sampling period for an analog voltage may be insufficient.
8.
Flash Memory Program/Erase Characteristics
* : This value comes from the technology qualification (using Arrhenius equation to translate high temperature
measurements into normalized value at
+85 °C) .
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= +25 °C
VCC
= 5.0 V
115
s
Excludes programming
prior to erasure
Chip erase time
9
s
Excludes programming
prior to erasure
Word (16-bit width)
programming time
16
3600
µs
Except for the over head
time of the system
Programs/Erase cycle
10000
⎯⎯
cycle
Flash Data Retention
Time
Average
TA
= +85 °C
20
⎯⎯
Year
*
C
Comparator
Analog input
R
4.5 V
≤ AVCC ≤ 5.5 V : R := 2.52 kΩ, C := 10.7 pF
4.0 V
≤ AVCC < 4.5 V : R := 13.6 kΩ, C := 10.7 pF
• Analog input circuit model
Note : Use the values in the figure only as a guideline.


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com