Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 59 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 59 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 55Page - Fujitsu Component Limited. MB90867E Datasheet HTML 56Page - Fujitsu Component Limited. MB90867E Datasheet HTML 57Page - Fujitsu Component Limited. MB90867E Datasheet HTML 58Page - Fujitsu Component Limited. MB90867E Datasheet HTML 59Page - Fujitsu Component Limited. MB90867E Datasheet HTML 60Page - Fujitsu Component Limited. MB90867E Datasheet HTML 61Page - Fujitsu Component Limited. MB90867E Datasheet HTML 62Page - Fujitsu Component Limited. MB90867E Datasheet HTML 63Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
MB90860E Series
59
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVRL
AVRH
AVRL
AVRH
N
+ 1H
NH
N
− 1H
N
− 2H
VOT (actual measurement value)
{1 LSB
× (N − 1)
+ VOT }
Actual conversion
characteristics
VFST (actual
measurement
value)
VNT (actual
measurement value)
Actual conversion
characteristics
Ideal characteristics
Actual conversion
characteristics
Actual conversion
characteristics
Ideal
characteristics
Analog input
Analog input
VNT
(actual measurement value)
V (N + 1) T
(actual measurement
value)
Non linearity error
Differential linearity error
Non linearity error of digital output N
=
VNT
− {1 LSB × (N − 1) + VOT}
1 LSB
[LSB]
Differential linearity error of digital output N
=
V (N+1) T
− VNT
1 LSB
−1 LSB [LSB]
VFST
− VOT
1022
[V]
1 LSB
=
VOT : Voltage at which digital output transits from “000H” to “001H.”
VFST : Voltage at which digital output transits from “3FEH” to “3FFH.”


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com