Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 57 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 57 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 53Page - Fujitsu Component Limited. MB90867E Datasheet HTML 54Page - Fujitsu Component Limited. MB90867E Datasheet HTML 55Page - Fujitsu Component Limited. MB90867E Datasheet HTML 56Page - Fujitsu Component Limited. MB90867E Datasheet HTML 57Page - Fujitsu Component Limited. MB90867E Datasheet HTML 58Page - Fujitsu Component Limited. MB90867E Datasheet HTML 59Page - Fujitsu Component Limited. MB90867E Datasheet HTML 60Page - Fujitsu Component Limited. MB90867E Datasheet HTML 61Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
MB90860E Series
57
5.
A/D Converter
(TA
= −40 °C to +105 °C, 3.0 V ≤ AVRH − AVRL, VCC = AVCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : IF A/D convertor is not operating, a current when CPU is stopped is applicable (VCC
= AVCC = AVRH = 5.0 V) .
Note : The accuracy gets worse as AVRH
− AVRL becomes smaller.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Resolution
⎯⎯
10
bit
Total error
⎯⎯
±3.0
LSB
Nonlinearity error
⎯⎯
±2.5
LSB
Differential
nonlinearity error
⎯⎯
±1.9
LSB
Zero reading
voltage
VOT
AN0 to AN23 AVRL
− 1.5 AVRL + 0.5 AVRL + 2.5 LSB
Full scale reading
voltage
VFST
AN0 to AN23 AVRH
− 3.5 AVRH − 1.5 AVRH + 0.5 LSB
Compare time
⎯⎯
1.0
16500
µs
4.5 V
≤ AVCC ≤ 5.5 V
2.0
4.0 V
≤ AVCC < 4.5 V
Sampling time
⎯⎯
0.5
µs
4.5 V
≤ AVCC ≤ 5.5 V
1.2
4.0 V
≤ AVCC < 4.5 V
Analog port input
current
IAIN
AN0 to AN23
−0.3
+0.3
µA
Analog input
voltage range
VAIN
AN0 to AN23
AVRL
AVRH
V
Reference
voltage range
AVRH
AVRL
+ 2.7
AVCC
V
AVRL
0
AVRH
− 2.7
V
Power supply
current
IA
AVCC
3.5
7.5
mA
IAH
AVCC
⎯⎯
5
µA*
Reference
voltage current
IR
AVRH
600
900
µA
IRH
AVRH
⎯⎯
5
µA*
Offset between
input channels
AN0 to AN23
⎯⎯
4LSB


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com