Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 56 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 56 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 52Page - Fujitsu Component Limited. MB90867E Datasheet HTML 53Page - Fujitsu Component Limited. MB90867E Datasheet HTML 54Page - Fujitsu Component Limited. MB90867E Datasheet HTML 55Page - Fujitsu Component Limited. MB90867E Datasheet HTML 56Page - Fujitsu Component Limited. MB90867E Datasheet HTML 57Page - Fujitsu Component Limited. MB90867E Datasheet HTML 58Page - Fujitsu Component Limited. MB90867E Datasheet HTML 59Page - Fujitsu Component Limited. MB90867E Datasheet HTML 60Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
MB90860E Series
56
(13) I2C Timing
(TA
= –40°C to +105°C, VCC = 5.0 V ± 10%, VSS = 0.0 V)
*1 : For use at over 100 kHz, set the machine clock to at least 6 MHz.
*2 : R,C : Pull-up resistor and load capacitor of the SCL and SDA lines.
*3 : The maximum tHDDAT have only to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
*4 : A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSUDAT
≥ 250 ns must then be met.
Parameter
Symbol
Condition
Standard-mode
Fast-mode*1
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
R
= 1.7 kΩ,
C
= 50 pF*2
0
100
0
400
kHz
Hold time (repeated) START condition
SDA
↓ → SCL ↓
tHDSTA
4.0
0.6
⎯µs
“L” width of the SCL clock
tLOW
4.7
1.3
⎯µs
“H” width of the SCL clock
tHIGH
4.0
0.6
⎯µs
Set-up time for a repeated START condition
SCL
↑ → SDA ↓
tSUSTA
4.7
0.6
⎯µs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
0
3.45*3
00.9*4
µs
Data set-up time
SDA
↓ ↑ → SCL ↑
tSUDAT
250
100
ns
Set-up time for STOP condition
SCL
↑ → SDA ↑
tSUSTO
4.0
0.6
⎯µs
Bus free time between a STOP and START
condition
tBUS
4.7
1.3
⎯µs
SDA
SCL
tLOW
tSUDAT
tHDSTA
tBUS
tHDSTA
tHDDAT
tHIGH
tSUSTA
tSUSTO


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com