Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 53 Page - fujitsu semiconductor

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867E Datasheet(HTML) 53 Page - fujitsu semiconductor

Back Button MB90867E Datasheet HTML 49Page - fujitsu semiconductor MB90867E Datasheet HTML 50Page - fujitsu semiconductor MB90867E Datasheet HTML 51Page - fujitsu semiconductor MB90867E Datasheet HTML 52Page - fujitsu semiconductor MB90867E Datasheet HTML 53Page - fujitsu semiconductor MB90867E Datasheet HTML 54Page - fujitsu semiconductor MB90867E Datasheet HTML 55Page - fujitsu semiconductor MB90867E Datasheet HTML 56Page - fujitsu semiconductor MB90867E Datasheet HTML 57Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
MB90860E Series
53
(9) UART0/1/2/3/4
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Notes :
• AC characteristic in CLK synchronized mode.
• CL is load capacity value of pins when testing.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK4
Internal clock
operation output pins
are
CL
= 80 pF + 1 TTL.
8 tCP
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
−80
+80
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
100
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK4
External clock
operation output pins
are
CL
= 80 pF + 1 TTL.
4 tCP
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK4
4 tCP
ns
SCK
↓ → SOT delay time
tSLOV
SCK0 to SCK4,
SOT0 to SOT4
150
ns
Valid SIN
→ SCK ↑
tIVSH
SCK0 to SCK4,
SIN0 to SIN4
60
ns
SCK
↑ → Valid SIN hold time
tSHIX
SCK0 to SCK4,
SIN0 to SIN4
60
ns
Internal Shift Clock Mode
SCK
2.4 V
tSCYC
0.8 V
SOT
0.8 V
2.4 V
0.8 V
tSLOV
SIN
VIL
VIH
tIVSH
VIL
VIH
tSHIX


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com